Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGM16M51MDP Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # RGM16M51MDP
Description  RFM High Frequency MELF Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RGM16M51MDP Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  RGM16M51MDP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RGM16M51MDP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RGM16M51MDP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
03 of 03
RFM High Frequency MELF Resistors
How to Order
RFM73
100R
F
C3
TR
Back to 1st Page - High Frequency Non-Inductance MELF(RFM)
Product type: RFM72, RFM73,RFM74, RFM75
Code
Resistance Tolerance (%)
D
±0.5
F
±1.0
J
±5.0
Resistance Value (Ω):
Resistance Tolerance (%)
Codes
Packaging
T
Taping Reel
P
Bulk
Packaging
Code
Temperature coefficient (PPM/°C)
C2
±50 ppm/°C
C3
±25 ppm/°C
C5
±15 ppm/°C
C6
±10 ppm/°C
Temperature coefficient (PPM/°C)
Code
Resistance Value
100R
100Ω
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - RGM16M51MDP

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RGM16M51MDP TOKEN-RGM16M51MDP Datasheet
425Kb / 5P
   Anti-Surge Pulse Load Melf Resistors
More results

Similar Description - RGM16M51MDP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMU0102HF VISHAY-MMU0102HF Datasheet
150Kb / 11P
   High Frequency Thin Film MELF Resistors
Revision: 26-Oct-15
MMU-0102-HF VISHAY-MMU-0102-HF Datasheet
150Kb / 11P
   High Frequency Thin Film MELF Resistors
Revision: 26-Oct-15
logo
Token Electronics Indus...
RFM TOKEN-RFM Datasheet
439Kb / 5P
   Non-Inductive High Frequency Melf Resistors
logo
List of Unclassifed Man...
WRM0207C-470RFI ETC2-WRM0207C-470RFI Datasheet
238Kb / 3P
   MELF Resistors
logo
Vishay Siliconix
MMA0204HT VISHAY-MMA0204HT Datasheet
148Kb / 10P
   Professional High Temperature MELF Resistors
Revision: 08-Jul-15
CMA0204 VISHAY-CMA0204_10 Datasheet
161Kb / 10P
   High Pulse Load MELF Resistors
Revision: 01-Mar-10
MMA02040C3303FB300 VISHAY-MMA02040C3303FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C1009FB300 VISHAY-MMU01020C1009FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
CMA0204HF VISHAY-CMA0204HF Datasheet
119Kb / 7P
   Pulse Load Carbon Film MELF Resistors for High Frequency Applications
Revision: 01-Dec-09
MMA02040C2203FB300 VISHAY-MMA02040C2203FB300 Datasheet
256Kb / 14P
   Professional MELF Resistors
Revision: 05-Mar-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com