Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT10.7MHYDP Datasheet(PDF) 5 Page - Token Electronics Industry Co., Ltd.

Part # LT10.7MHYDP
Description  Filters for FM ,TV/VCR Stage, Communication
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LT10.7MHYDP Datasheet(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  LT10.7MHYDP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LT10.7MHYDP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LT10.7MHYDP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. LT10.7MHYDP Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. LT10.7MHYDP Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. LT10.7MHYDP Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. LT10.7MHYDP Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. LT10.7MHYDP Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. LT10.7MHYDP Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
What is Ceramic Filter
Center Frequency (Symbol: f0; Unit: Hz)
It signifies the frequency in the center of the pass band width. However, the center frequency for
some product is expressed at the point where the loss is minimum.
Pass Band Width (Symbol: PBW; Unit: Hz)
Signifies a difference between the two frequencies where the attenuation becomes 3dB from the
level of the minimum loss point.
Insertion Loss (Symbol: IL; Unit: dB)
Expressed in the input and output level ratio at the point of minimum loss in dB. The insertion loss
for some product is expressed in the input and output level ratio at the center frequency.
Ripple (Unit: dB)
If there are peaks and valleys in a pass band width, the ripple expressed the level difference of
voltage between the maximum peak and minimum valley and it is expressed in dB.
Attenuation Band Width (Symbol: ABW; Unit: Hz)
Signifies a difference between the two frequencies where the attenuation becomes the specified
values (dB) from the level of minimum loss.
(Example: Expressed at a point where the attenuation becomes 20 dB in case of 10.7 MHz filter.)
Selectivity (Unit: dB)
Expressed as the attenuation of the detuning point from the center frequency.
(Example: The attenuation that ±9 kHz was detuned from the center frequency in case of 455 kHz
filter.)
Spurious Response (Symbol: sp; Unit: dB)
Expressed as the difference of voltage ratio between minimum attenuation point in the stop band
range and minimum loss point in the pass band width by using dB (The stopped range is specified
with each filter).
Spurious
Signifies the frequency response based on the parasitic (unwanted) vibration against the frequency
except the fundamental vibration.
Filter Terminologies
03 of 46
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - LT10.7MHYDP

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LT10.7MHYDP TOKEN-LT10.7MHYDP Datasheet
358Kb / 4P
   LT10.7M Ceramic Filters for FM Receiver
More results

Similar Description - LT10.7MHYDP

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LT4.5MB TOKEN-LT4.5MB Datasheet
321Kb / 3P
   LT MB Ceramic Filters for TV/VCR Stage
LTT4.5MA TOKEN-LTT4.5MA Datasheet
304Kb / 3P
   LTT MA Ceramic Filters for TV/VCR Stage
XT3.58MBP TOKEN-XT3.58MBP Datasheet
429Kb / 15P
   CERAMIC TRAP FILTERS Ceramic Trap For TV/VCR Stage
logo
Oscilent Corporation
760-0107-FP OSCILENT-760-0107-FP Datasheet
139Kb / 2P
   For TV / VCR
773-0065 OSCILENT-773-0065 Datasheet
140Kb / 2P
   For TV / VCR
753-4725M-A OSCILENT-753-4725M-A Datasheet
130Kb / 2P
   For TV / VCR
logo
Murata Manufacturing Co...
MKTGA30M0AALP00B05 MURATA-MKTGA30M0AALP00B05 Datasheet
102Kb / 4P
   Traps for TV/VCR
logo
Oscilent Corporation
752-0065 OSCILENT-752-0065 Datasheet
141Kb / 2P
   Trap For TV / VCR
772-0045 OSCILENT-772-0045 Datasheet
140Kb / 2P
   Ceramic Series For TV / VCR
753-39.5M-A OSCILENT-753-39.5M-A Datasheet
130Kb / 2P
   Ceramic Trap For TV/VCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com