Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSQ100W0R1HZ Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # DSQ100W0R1HZ
Description  DQS Power Adjustable Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DSQ100W0R1HZ Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  DSQ100W0R1HZ Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. DSQ100W0R1HZ Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. DSQ100W0R1HZ Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. DSQ100W0R1HZ Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
02 of 04
(DQS) 75W ~ 2000W Dimensions
G
E
A
L
H D
C
B
M
F
J
K
O
I
Ribbon-Wire Adjustable Resistors (DQS)
N - No mount Dimensions
Ribbon-Wire Adjustable Resistors (DQS)
G - Horizontal mount Dimensions
Watage
Rating
Dimensions (mm)
Max.
Resistance
Range
A
B
C
D
E
F
G
H
I
J
K
L
M
O
75W
110
25
16
30
8
150
5
18
6
166
58
1.2
6
27
0.1~8Ω
90W
90
28
18
32
8
130
5
19
6
146
60
1.2
6
27
0.1~9Ω
120W
110
28
18
32
8
150
5
19
6
166
60
1.2
6
27
0.1~12Ω
150W
140
28
18
32
8
180
5
19
6
196
60
1.2
6
27
0.1~15Ω
180W
160
28
18
32
8
200
5
19
6
216
60
1.2
6
27
0.1~18Ω
225W
195
28
18
32
8
235
5
19
6
251
60
1.2
6
27
0.1~23Ω
240W
185
35
24
36
10
225
5
19
8
245
76
1.6
6
34
0.1~24Ω
300W
210
35
24
36
10
250
5
19
8
274
76
1.6
6
34
0.3~30Ω
375W
210
40
25
38
12
250
5
20
8
274
78
1.6
6
34
0.3~38Ω
450W
260
40
25
38
12
300
5
20
8
320
78
1.6
6
34
0.3~45Ω
600W
330
40
25
38
12
370
5
20
8
395
78
1.6
6
34
0.3~60Ω
750W
330
50
35
50
12
380
6
25
9
400
100
1.6
8
40
0.3~75Ω
900W
400
50
35
50
12
450
6
25
9
470
100
1.6
8
40
0.3~90Ω
1000W
460
50
35
50
12
510
6
25
9
530
100
1.6
8
40
0.5~100Ω
1200W
460
60
40
55
15
515
6
30
10
535
110
1.6
10
50
0.5~120Ω
1500W
540
60
40
55
15
595
6
30
10
615
110
1.6
10
50
0.5~150Ω
2000W
650
65
42
62
15
702
6
30
10
722
115
1.6
10
50
0.5~200Ω
Version 2010
DQS Power Adjustable Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - DSQ100W0R1HZ

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DSQ MURATA-PS-DSQ Datasheet
4Mb / 25P
   600W Quarter Brick DOSA Digital PMBus Interface
2022
DSQ0150V2 MURATA-PS-DSQ0150V2 Datasheet
4Mb / 25P
   600W Quarter Brick DOSA Digital PMBus Interface
2022
logo
List of Unclassifed Man...
DSQQNR-256G-GN6IA ETC1-DSQQNR-256G-GN6IA Datasheet
864Kb / 3P
   Ideal for dash cams and home monitoring systems
logo
Littelfuse
DSQU LITTELFUSE-DSQU Datasheet
399Kb / 2P
   Multifunction
2016 Rev: 1-A-062216
DSQUA3 LITTELFUSE-DSQUA3 Datasheet
399Kb / 2P
   Multifunction
2016 Rev: 1-A-062216
More results

Similar Description - DSQ100W0R1HZ

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
DRSA600W250RJG TOKEN-DRSA600W250RJG Datasheet
395Kb / 5P
   DRS Power Adjustable Resistors
BSR2000W20RK TOKEN-BSR2000W20RK Datasheet
344Kb / 4P
   BSR, BSQ Adjustable Power Resistors
logo
List of Unclassifed Man...
AVT-10 ETC2-AVT-10 Datasheet
70Kb / 1P
   ADJUSTABLE WIREWOUND RESISTORS
logo
Vishay Siliconix
AST VISHAY-AST Datasheet
118Kb / 6P
   Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
logo
Elite Semiconductor Mem...
M53D128324A-2E ESMT-M53D128324A-2E Datasheet
735Kb / 47P
   Bi-directional data strobe (DQS)
logo
Maxim Integrated Produc...
MAX17115EVKIT MAXIM-MAX17115EVKIT Datasheet
649Kb / 6P
   Adjustable Output Voltages (External Resistors)
Rev 0; 12/09
logo
Vishay Siliconix
OVSA VISHAY-OVSA Datasheet
112Kb / 3P
   Wirewound Resistors, Industrial Power, Tubular, Flat, Oval, Adjustable, OVSA
ASE VISHAY-ASE Datasheet
178Kb / 6P
   Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Edgewound Tubular
AVE VISHAY-AVE Datasheet
176Kb / 5P
   Wirewound Resistors, Industrial Power, Vitreous Coated, Adjustable Edgewound Tubular
Revision: 03-Jun-16
logo
Elite Semiconductor Mem...
M53D2561616A-2F ESMT-M53D2561616A-2F Datasheet
709Kb / 47P
   Bi-directional data strobe (DQS)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com