Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRAL01CTRR10 Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # TRAL01CTRR10
Description  TRAL Chip Thin Film Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TRAL01CTRR10 Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  TRAL01CTRR10 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TRAL01CTRR10 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TRAL01CTRR10 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TRAL01CTRR10 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TRAL01CTRR10 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TRAL01CTRR10 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TRAL01CTRR10 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TRAL01CTRR10 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
01 of 08
Version 2010
Chip
Thin-Film Inductors
TRAL Chip Thin Film Inductors
Thin Film Chip inductors
provide small-format protection (TRAL)
Preview
Token TRAL chip inductors provide reliable protection against challenging EMI problems in high frequency
filtering applications. This miniature wirewound inductor features a low seated height that stands only 0.23mm
above the circuit board. It protects sensitive electronic circuitry and ensures high performance operation in a
wide range of compact devices that are shrinking ever smaller in physical size.
Token TRAL series uses a thin-film technology for high reliability and precision tolerances to 1% or ±0.1nH.
The TRAL thin-film inductor series is available in 0603, 0402, and 0201 sizes, in inductance values from 0.1 to
100nH, in tolerances down to 0.1nH or 1%, and with SRF (self-resonant frequency) tightly controlled.
The technology characteristics make it ideal for the latest cellphone and PDA applications in addition to wireless
network and Bluetooth enabled devices.
Application of specific designs also available including different inductance values and Q specifications adjusted
to frequency requirements. Customed designs and tighter tolerances are available on request. Thin Film Inductor
is mounted in a surface mount package which assures mechanical stability, excellent lead coplanarity, and
suitable for automatic pick and place equipment.
The TRAL series is lead-free and RoHS compliant. Detailed specifications, both mechanical and electrical,
please contact Token sales representative for more information.
Features :
- Tight Tolerance of ±1% or ±0.1nH.
- Highly Stable Design for Critical Needs.
- Stable Inductance in High Frequency Circuit.
- Self Resonant Frequency Controlled within 10%.
- A Photo Lithographic Single Layer Ceramic Chip.
- High SRF, Excellent Q, Superior Temperature Stability.
Applications :
- Communication Appliances.
- Wireless LAN, Bluetooth Module.
- VCO,TCXO Circuit and RF Transceiver Module.
- Cellular Telephone, Pagers and GPS Products.
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TRAL01CTRR10

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
TRA-B-24-49003P LSTD-TRA-B-24-49003P Datasheet
808Kb / 2P
   Public safety
logo
Vishay Siliconix
TRA06E VISHAY-TRA06E Datasheet
84Kb / 2P
   Thin Film, Resistor Array
Revision 05-Apr-04
TRA06E0803101BRT1 VISHAY-TRA06E0803101BRT1 Datasheet
84Kb / 2P
   Thin Film, Resistor Array
Revision 05-Apr-04
TRA06E0803101DRT1 VISHAY-TRA06E0803101DRT1 Datasheet
84Kb / 2P
   Thin Film, Resistor Array
Revision 05-Apr-04
TRA06E0803101FRT1 VISHAY-TRA06E0803101FRT1 Datasheet
84Kb / 2P
   Thin Film, Resistor Array
Revision 05-Apr-04
More results

Similar Description - TRAL01CTRR10

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
   Thin Film Chip Inductors
logo
NIC-Components Corp.
NTL NIC-NTL Datasheet
170Kb / 4P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
logo
KOA Speer Electronics, ...
KL731ETTP KOA-KL731ETTP Datasheet
112Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
logo
KOA Speer Electronics, ...
KL731JT KOA-KL731JT Datasheet
123Kb / 7P
   Thin Film Chip Inductors
KL731HT KOA-KL731HT Datasheet
130Kb / 9P
   Thin Film Chip Inductors
KL732AT KOA-KL732AT Datasheet
114Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0603F CT-CTTF0603F Datasheet
168Kb / 1P
   Thin Film Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com