Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRMF20120910NS Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # TRMF20120910NS
Description  TRMF Multilayer Ceramic Inductors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TRMF20120910NS Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  TRMF20120910NS Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TRMF20120910NS Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TRMF20120910NS Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TRMF20120910NS Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TRMF20120910NS Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TRMF20120910NS Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TRMF20120910NS Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TRMF20120910NS Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TRMF20120910NS Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
03 of 13
Version 2010
TRMF Multilayer Ceramic Inductors
(TRMF100505) Electrical Characteristics (EIA 0402)
Part Number
Inductance
(nH)
Tolerance
Quality
Factor
/Min
L/Q
Freq.
(MHz)
Q (typical)
Frequency
(MHz)
Resistance
DC/Max
(Ohm)
Self
Resonant
Frequency
/Min.(GHz)
Current
DC/Max
(mA)
100 500 800
TRMF100505 - 1N0*
1.0
± 0.3nH
8
100
11
33
37
0.12
10.0
300
TRMF100505 - 1N2*
1.2
± 0.3nH
8
100
11
29
26
0.12
10.0
300
TRMF100505 - 1N5*
1.5
± 0.3nH
8
100
12
29
40
0.13
6.00
300
TRMF100505 - 1N8*
1.8
± 0.3nH
8
100
11
26
34
0.14
6.00
300
TRMF100505 - 2N2*
2.2
± 0.3nH
8
100
11
26
36
0.16
6.00
300
TRMF100505 - 2N7*
2.7
± 0.3nH
8
100
12
29
38
0.17
6.00
300
TRMF100505 - 3N3*
3.3
±0.3nH,±10%
8
100
11
28
37
0.19
6.00
300
TRMF100505 - 3N9*
3.9
±0.3nH,±10%
8
100
11
26
32
0.22
4.00
300
TRMF100505 - 4N7*
4.7
±0.3nH,±10%
8
100
12
28
37
0.24
4.00
300
TRMF100505 - 5N6*
5.6
±0.3nH,±10%
8
100
11
26
35
0.27
4.00
300
TRMF100505 - 6N8*
6.8
±5%,±10%
8
100
11
26
34
0.32
3.90
300
TRMF100505 - 8N2*
8.2
±5%,±10%
8
100
12
26
34
0.37
3.50
300
TRMF100505 - 10N*
10
±5%,±10%
8
100
11
25
31
0.42
3.20
300
TRMF100505 - 12N*
12
±5%,±10%
8
100
11
25
31
0.50
2.60
300
TRMF100505 - 15N*
15
±5%,±10%
8
100
11
24
30
0.55
2.30
300
TRMF100505 - 18N*
18
±5%,±10%
8
100
11
24
30
0.65
2.00
300
TRMF100505 - 22N*
22
±5%,±10%
8
100
12
24
30
0.80
1.60
300
TRMF100505 - 27N*
27
±5%,±10%
8
100
11
24
28
0.90
1.40
300
TRMF100505 - 33N*
33
±5%,±10%
8
100
12
23
26
1.00
1.20
200
TRMF100505 - 39N*
39
±5%,±10%
8
100
11
21
24
1.20
1.10
150
TRMF100505 - 47N*
47
±5%,±10%
8
100
11
21
23
1.30
0.90
150
TRMF100505 - 56N*
56
±5%,±10%
8
100
12
21
21
2.00
0.75
150
TRMF100505 - 68N*
68
±5%,±10%
8
100
11
19
19
2.20
0.75
100
TRMF100505 - 82N*
82
±5%,±10%
8
100
10
19
16
2.50
0.60
100
TRMF100505 - R10*
100
±5%,±10%
8
100
10
18
-
2.50
0.60
100
Note: Measuring Equipment : HP-4291B + 16192A
Storage Temperature : 25±3°C ; Humidity<80% RH
0.0
10.0
20.0
30.0
40.0
50.0
1
10
100
1000
10000
0
5
10
15
20
25
30
35
40
45
50
0
10
20
30
40
50
1
10
100
1000
10000
0
20
40
60
80
100
120
140
CL02ST1N2
CL02ST1N0
Q
Q
FREQUENCY(MHz)
FREQUENCY(MHz)
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TRMF20120910NS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TRM LITTELFUSE-TRM Datasheet
388Kb / 2P
   Time Delay Relays / DELAY-ON-MAKE
2021 Rev: 1-B-030121
logo
Richco, Inc.
TRM-1 RICHCO-TRM-1 Datasheet
184Kb / 1P
   TR/TRM Series
TRM-2 RICHCO-TRM-2 Datasheet
184Kb / 1P
   TR/TRM Series
TRM-3 RICHCO-TRM-3 Datasheet
184Kb / 1P
   TR/TRM Series
logo
Optoway Technology Inc
TRM-3002AG OPTOWAY-TRM-3002AG Datasheet
131Kb / 4P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Multi-Mode Transceiver
More results

Similar Description - TRMF20120910NS

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MHL1JCT KOA-MHL1JCT Datasheet
150Kb / 6P
   Multilayer Ceramic Inductors
logo
Sumida Corporation
SCI-B1608-10N SUMIDA-SCI-B1608-10N Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0805 ABRACON-AIMC-0805 Datasheet
59Kb / 1P
   MULTILAYER CERAMIC CHIP INDUCTORS
AIMC-0603 ABRACON-AIMC-0603 Datasheet
1Mb / 2P
   MULTILAYER CHIP CERAMIC INDUCTORS
06.01.11
AIMC-0402HQ ABRACON-AIMC-0402HQ Datasheet
1Mb / 3P
   MULTILAYER CHIP CERAMIC INDUCTORS
11.27.12
logo
Sumida Corporation
SCI-B1005-10N SUMIDA-SCI-B1005-10N Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
SCI-B0603-10N SUMIDA-SCI-B0603-10N Datasheet
358Kb / 2P
   Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0201 ABRACON-AIMC-0201 Datasheet
1Mb / 2P
   MULTILAYER CHIP CERAMIC INDUCTORS
06.02.11
logo
Sumida Corporation
SCI-B2012-10N SUMIDA-SCI-B2012-10N Datasheet
357Kb / 2P
   Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0402 ABRACON-AIMC-0402 Datasheet
60Kb / 1P
   MULTILAYER CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com