Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSQ75W100RHG Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # DSQ75W100RHG
Description  DQS Power Adjustable Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DSQ75W100RHG Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  DSQ75W100RHG Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. DSQ75W100RHG Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. DSQ75W100RHG Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. DSQ75W100RHG Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
01 of 04
Version 2010
Preview
Adjustable Ribbon-Wound Power Resistors have been
a main product line at Token Electronics for years.
Ribwound adjustable resistors are particularly useful
where high energy is to be dissipated in the lower
ohmic ranges and high power capacity. Precision
winding design, provide uniform windings to be
applied extremely close to each other resulting in
significantly higher resistance values.
In significant savings in space and cost,
Adjustable DQS Series is ideal replacements
for many standard round-wire resistors.
Features :
● Resistance Tolerance: K(±10%), J(±5%), H(±3%).
● Power-rib wirewound resistor with adjustable lug supplied.
● Suitable for high energy to be dissipated in the lower ohmic ranges.
● Design as heavy-duty resistors to withstand frequent start-stop cycles.
● Hollow core to permit secure fastening with spring-type clips or thru bolts with washers.
● Durability Flame resistant coating and all-welded construction.
● Terminals suitable for bolt connection or soldering.
Power Rating :
● Based on 25°C free air rating. The stated wattage rating applies only
when the entire resistance is in the circuit.
● Setting the lug at an intermediate point reduces the wattage rating by approximately the same proportion.
● Example: If the lug is set at half resistance, the wattage is reduced by approximately one-half.
● Wattage is proportional to this adjusted resistance value.
● Adjustability is 10% to 90% of full resistance value.
Options :
● Adjustable, fixed, or tapped styles are available.
● Special terminals available for non-standard applications.
● Single and double quick connect terminals can be specified.
● Standard lug terminals available with or without terminal hardware.
● Non-inductive Ayrton Perry windings can be specified.
● Special temperature coefficients, tolerances
To Calculate Max. Amperes :
● Voltage = (Watts x Ohms) 1/2
The Power Adjustable DQS Resistor is RoHS compliant and lead free. For unusual technical
requirements and custom special applications, please contact us.
DQS Power Adjustable Resistors
Low-Cost and High-Precision
Power Adjustment Resistors for High Energy Dissipation
Power
Ribbon-Wire
Adjustable Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - DSQ75W100RHG

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DSQ MURATA-PS-DSQ Datasheet
4Mb / 25P
   600W Quarter Brick DOSA Digital PMBus Interface
2022
DSQ0150V2 MURATA-PS-DSQ0150V2 Datasheet
4Mb / 25P
   600W Quarter Brick DOSA Digital PMBus Interface
2022
logo
List of Unclassifed Man...
DSQQNR-256G-GN6IA ETC1-DSQQNR-256G-GN6IA Datasheet
864Kb / 3P
   Ideal for dash cams and home monitoring systems
logo
Littelfuse
DSQU LITTELFUSE-DSQU Datasheet
399Kb / 2P
   Multifunction
2016 Rev: 1-A-062216
DSQUA3 LITTELFUSE-DSQUA3 Datasheet
399Kb / 2P
   Multifunction
2016 Rev: 1-A-062216
More results

Similar Description - DSQ75W100RHG

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
DRSA600W250RJG TOKEN-DRSA600W250RJG Datasheet
395Kb / 5P
   DRS Power Adjustable Resistors
BSR2000W20RK TOKEN-BSR2000W20RK Datasheet
344Kb / 4P
   BSR, BSQ Adjustable Power Resistors
logo
List of Unclassifed Man...
AVT-10 ETC2-AVT-10 Datasheet
70Kb / 1P
   ADJUSTABLE WIREWOUND RESISTORS
logo
Vishay Siliconix
AST VISHAY-AST Datasheet
118Kb / 6P
   Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
logo
Elite Semiconductor Mem...
M53D128324A-2E ESMT-M53D128324A-2E Datasheet
735Kb / 47P
   Bi-directional data strobe (DQS)
logo
Maxim Integrated Produc...
MAX17115EVKIT MAXIM-MAX17115EVKIT Datasheet
649Kb / 6P
   Adjustable Output Voltages (External Resistors)
Rev 0; 12/09
logo
Vishay Siliconix
OVSA VISHAY-OVSA Datasheet
112Kb / 3P
   Wirewound Resistors, Industrial Power, Tubular, Flat, Oval, Adjustable, OVSA
ASE VISHAY-ASE Datasheet
178Kb / 6P
   Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Edgewound Tubular
AVE VISHAY-AVE Datasheet
176Kb / 5P
   Wirewound Resistors, Industrial Power, Vitreous Coated, Adjustable Edgewound Tubular
Revision: 03-Jun-16
logo
Elite Semiconductor Mem...
M53D2561616A-2F ESMT-M53D2561616A-2F Datasheet
709Kb / 47P
   Bi-directional data strobe (DQS)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com