Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRA352-010 Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # LRA352-010
Description  LRA Low Ohmic Open Air Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LRA352-010 Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  LRA352-010 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LRA352-010 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LRA352-010 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
03 of 03
Characteristic Specification
Type
LRA
350-009
351-009
351-010
352-009
352-010
352-011
Power rating P70
W
0.5
1.0
1.5
Resistance range
Ω
R003~R051
R004~R068
R006~R10
E-series
E24≥R010
Tolerances
%
±1, ±3, ±5, ±10
Temperature coefficient
PPM
+200~+1200
Max. Cont. working voltage
VRMS
For all styles
Insulation voltage (1min.)
VRMS
Non insulated
Insulation resistance
Ω
Non insulated
Derating, linear
°C
70~300(0W)
Climatic category
55/200/56
Temperature range
°C
-50~300
Thermal resistance
KW-1
200
100
70
Failure rate (Total ,
max, 60% conf. lev.)
10-9 * h-1
Ca.10, Depends on value
Endurance (P70, 70,1000h)
[
]%
±3.0
Damp heat ,steady state(40°C,93% r.h.,56d)
[
]%
±0.5
Climatic sequence
[
]%
±0.5
Terminal strength
[
]%
±0.5
Terminal tensile strengths
N
30
Resistance to soldering heat ( 260°C,10s )
[
]%
±0.2 typ.
Solder ability
s
2.5 Flow time, solder globule test
IEC 60068-2-20-T
Making
Value imprinted
How to Order
R024
J
Bulk
LRA351-009
Part Number
Resistance Value (Ω)
Tolerance
Pack. -Code
Code
Resistance Value
R020
0.020Ω
R022
0.022Ω
R024
0.024Ω
R100
0.100Ω
Code
Tolerance
F
±1%
G
±2%
J
±5%
K
±10%
LRA Low Ohmic Open Air Resistors
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN
Back to 1st Page - Low Ohmic Open Air Resistors (LRA)
Code
p
Bulk


Similar Part No. - LRA352-010

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
LRA32B2BBAEN ZFSWITCHES-LRA32B2BBAEN Datasheet
653Kb / 2P
   Double-Pole Rocker Switch
LRA32B2BBAFN ZFSWITCHES-LRA32B2BBAFN Datasheet
653Kb / 2P
   Double-Pole Rocker Switch
LRA32B2BBAGN ZFSWITCHES-LRA32B2BBAGN Datasheet
653Kb / 2P
   Double-Pole Rocker Switch
LRA32B2BBALN ZFSWITCHES-LRA32B2BBALN Datasheet
653Kb / 2P
   Double-Pole Rocker Switch
LRA32B2BBANN ZFSWITCHES-LRA32B2BBANN Datasheet
653Kb / 2P
   Double-Pole Rocker Switch
More results

Similar Description - LRA352-010

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RL2512FK-070R1L YAGEO-RL2512FK-070R1L Datasheet
317Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0805FR YAGEO-RL0805FR Datasheet
579Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
Token Electronics Indus...
LRB050505HP TOKEN-LRB050505HP Datasheet
389Kb / 3P
   LRB Open Air Low Resistance Resistors
logo
YAGEO Corporation
877049 YAGEO-877049 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
List of Unclassifed Man...
RL0402 ETC1-RL0402 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
YAGEO Corporation
RL0402FR-070R1L YAGEO-RL0402FR-070R1L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
IRC - a TT electronics ...
OAR-TP1R100JLF IRCTT-OAR-TP1R100JLF Datasheet
144Kb / 2P
   Open Air Sense Resistors
logo
Welwyn Components Limit...
OAR-1 WELWYN-OAR-1 Datasheet
95Kb / 2P
   Open Air Sense Resistors
logo
Tyco Electronics
SBL4R051J MACOM-SBL4R051J Datasheet
439Kb / 1P
   Low Ohmic - Current Sense Resistors
logo
WALSIN TECHNOLOGY CORPO...
WW20M WALSIN-WW20M Datasheet
201Kb / 7P
   Ultra low ohmic chip resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com