Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCS10FPFQR010 Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part No. TCS10FPFQR010
Description  TCS Current Sense Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOKEN [Token Electronics Industry Co., Ltd.]
Homepage  http://www.token.com.tw
Logo 

TCS10FPFQR010 Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
04 of 05
TCS Current Sense Chip Resistors
Marking for 0603
Marking
Value
1R0
1.000Ω
R10
0.100Ω
R01
0.010Ω
101
0.101Ω
035
0.035Ω
Packaging Quantity & Reel Specifications
øC
W
T
Type
ΦA
ΦB
ΦC
W
T
Paper
Tape
Emboss Plastic
Tape
TCS02
178±1
60.0+0.5
13.0±0.20
9.00±0.50
12.0±0.15
10,000
-
TCS03
178±1
60.0+0.5
13.0±0.20
9.00±0.50
12.0±0.15
5,000
-
TCS05
178±1
60.0+0.5
13.0±0.20
9.00±0.50
12.0±0.15
5,000
-
TCS06
178±1
60.0+0.5
13.0±0.20
9.00±0.50
12.0±0.15
5,000
-
TCS10
178±1
60.2±0.5
13.0±0.50
13.2±1.50
16.0±0.20
-
4,000
TCS12
178±1
60.2±0.5
13.0±0.50
13.2±1.50
16.0±0.20
-
4,000
Emboss Plastic Tape Specifications
Top Tape
Resistor
Emboss Tape
A
B
Φ D0
P1 P2 P0
F
E
W
direction of unreeling
Φ D1=1.4min
t
Type
A
B
W
E
F
P0
P1
P2
ΦD0
T
TCS10
2.85±0.10 5.45±0.10 12.0±0.10 1.75±0.10 5.5±0.05 4.00±0.05 4.00±0.10
2.00±0.05
1.50+0.10
1.00±0.20
TCS12
3.40±0.10 6.65±0.10 12.0±0.10 1.75±0.10 5.5±0.05 4.00±0.05 4.00±0.10
2.00±0.05
1.50+0.10
1.00±0.20
TOKEN
http://www.token.com.tw/
rfq token.com.tw
Version 2010


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn