Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCUU98H-471 Datasheet(PDF) 11 Page - Token Electronics Industry Co., Ltd.

Part No. TCUU98H-471
Description  TCUU98V EMI Line Filters
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOKEN [Token Electronics Industry Co., Ltd.]
Homepage  http://www.token.com.tw
Logo 

TCUU98H-471 Datasheet(HTML) 11 Page - Token Electronics Industry Co., Ltd.

 
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
TCUU EMI Line Filters
11 of 11
Part Number: TCUU98V Vertical Type,
TCUU98H Horizontal Type,
TCUU10,
TCUU16
(TCUU98V, TCUU98H, TCUU10, TCUU16) How to Order
471
TCUU98V
Code
Inductance
471
0.47mH
681
0.68mH
102
1.0mH
222
2.2mH
Inductance
Winding
Code
Tolerance
None
Standard Winding
D
Sectional Winding
P
Package : P ( Bulk )
Part Number: TCUT20,
TCET24B,
TCET24H,
TCET28B,
TCET28H
(TCUT20, TCET24B, TCET24H, TCET28B, TCET28H) How to Order
471
TCUU98V
P
Code
Inductance
222
2.2mH
392
3.9mH
103
10.0mH
183
20.0mH
Inductance
Package : P ( Bulk )
Version 2010
TOKEN
http://www.token.com.tw/
rfq token.com.tw
Back to 1st Page - EMI Line Filters (TCUU)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn