Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSQ1500W10RKC Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # DSQ1500W10RKC
Description  DQS Power Adjustable Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DSQ1500W10RKC Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  DSQ1500W10RKC Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. DSQ1500W10RKC Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. DSQ1500W10RKC Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. DSQ1500W10RKC Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
04 of 04
Notes:
● Adjustability is 10% to 90% of full resistance value.
● Wattage is proportional to this adjusted resistance value.
Power Rating:
● Based on 25°C free air rating. The stated wattage rating applies only when the entire resistance is
in the circuit.
● Setting the lug at an intermediate point reduces the wattage rating by approximately the same
proportion.
● Example: If the lug is set at half resistance, the wattage is reduced by approximately one-half.
If you need current constant type or special specifications, please feel free to cntact us.
How to Order
DQS
1500W
Part Number: DQS
10R
K
Rated Power (W): 75W~2000W
Resistance Value (Ω):
Resistance Tolerance (%)
Code
Resistance Tolerance
H
±3%
J
±5%
K
±10%
Product type means one of FVR, DQS, DSRA, DSRB, BSR, BSQ.
Rated Wattage means power rating at End Resistance Value.
Resistance Value (Ω) means maximum resistance value (End Resistance Value).
Resistance Tolerance means precision range of End Resistance Value.
1. Power Rating of VR (Variable Resistor) is determined by the maximum resistance value
(End Resistance Value).
2. Resistance and Power Rating should be decreased while you are adjusting the screw.
G
Code
Resistance Value
0R1
0.1Ω
1R
10R
10Ω
100R
100Ω
Assembly Method
Code
Assembly Method
N
No mount.
C
Clip mount.
G
Horizontal mount.
Z
Vertical mount.
Version 2010
DQS Power Adjustable Resistors
Back to 1st Page - Power Adjustable Resistors (DQS)
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - DSQ1500W10RKC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DSQ MURATA-PS-DSQ Datasheet
4Mb / 25P
   600W Quarter Brick DOSA Digital PMBus Interface
2022
DSQ0150V2 MURATA-PS-DSQ0150V2 Datasheet
4Mb / 25P
   600W Quarter Brick DOSA Digital PMBus Interface
2022
logo
List of Unclassifed Man...
DSQQNR-256G-GN6IA ETC1-DSQQNR-256G-GN6IA Datasheet
864Kb / 3P
   Ideal for dash cams and home monitoring systems
logo
Littelfuse
DSQU LITTELFUSE-DSQU Datasheet
399Kb / 2P
   Multifunction
2016 Rev: 1-A-062216
DSQUA3 LITTELFUSE-DSQUA3 Datasheet
399Kb / 2P
   Multifunction
2016 Rev: 1-A-062216
More results

Similar Description - DSQ1500W10RKC

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
DRSA600W250RJG TOKEN-DRSA600W250RJG Datasheet
395Kb / 5P
   DRS Power Adjustable Resistors
BSR2000W20RK TOKEN-BSR2000W20RK Datasheet
344Kb / 4P
   BSR, BSQ Adjustable Power Resistors
logo
List of Unclassifed Man...
AVT-10 ETC2-AVT-10 Datasheet
70Kb / 1P
   ADJUSTABLE WIREWOUND RESISTORS
logo
Vishay Siliconix
AST VISHAY-AST Datasheet
118Kb / 6P
   Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
logo
Elite Semiconductor Mem...
M53D128324A-2E ESMT-M53D128324A-2E Datasheet
735Kb / 47P
   Bi-directional data strobe (DQS)
logo
Maxim Integrated Produc...
MAX17115EVKIT MAXIM-MAX17115EVKIT Datasheet
649Kb / 6P
   Adjustable Output Voltages (External Resistors)
Rev 0; 12/09
logo
Vishay Siliconix
OVSA VISHAY-OVSA Datasheet
112Kb / 3P
   Wirewound Resistors, Industrial Power, Tubular, Flat, Oval, Adjustable, OVSA
ASE VISHAY-ASE Datasheet
178Kb / 6P
   Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Edgewound Tubular
AVE VISHAY-AVE Datasheet
176Kb / 5P
   Wirewound Resistors, Industrial Power, Vitreous Coated, Adjustable Edgewound Tubular
Revision: 03-Jun-16
logo
Elite Semiconductor Mem...
M53D2561616A-2F ESMT-M53D2561616A-2F Datasheet
709Kb / 47P
   Bi-directional data strobe (DQS)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com