Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRC06JTRK1M50 Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # LRC06JTRK1M50
Description  LRC Current Strip Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LRC06JTRK1M50 Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  LRC06JTRK1M50 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LRC06JTRK1M50 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LRC06JTRK1M50 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. LRC06JTRK1M50 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. LRC06JTRK1M50 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
03 of 05
SMD 2512, 1206 (LRC) Standard Electrical Specifications
Type
Power Rating
at 80°C
Operating Temp.
Range
Resistance
Tolerance (±%)
Resistance
(mΩ)
TCR
(±PPM/°C)
LRC12*TK**
1W
-55°C ~ +170°C
1, 3, 5
2.5~3.5
150
LRC12*TE**
1W
4.0~5.5
100
LRC12*TW**
1W
6.0~7.0
75
LRC12*TD**G
1W
11.0~15.0
50
LRC12*TD**
1W
0.5~2.0
50
LRC06*TD**
1W
1.0~10.0
50
Remark : Operating Current I = √ ( P / R ) , Operating Voltage V = √ ( P * R )
SMD 2512, 2010 (LRC) High Power Rating Electrical Specifications
Type
Power Rating at
80°C
Operating Temp.
Range
Resistance Tol-
erance (±%)
Resistance
(mΩ)
TCR (±PPM/
°C)
LRC12*TDS*
2.0W
-55°C ~ +170°C
1, 3, 5
0.5~2.0
50
LRC12*TDS*G
2.0W
3.5
50
LRC12*TDS*G
2.0W
6.5~10.0
50
LRC12*TDB*G
2.5W
4.0~6.0
50
LRC12*TDR*G
3.0W
1.0~3.0
50
LRC12*TER*G
3.0W
0.5~0.75
100
LRC10*TDA*
1.5W
1.0~10.0
50
Remark : Operating Current I = √ ( P / R ) , Operating Voltage V = √ ( P * R )
Surface Mount Chips (LRC) Packing Quantity
Type
Emboss Plastic Tape
LRC12 (2512)
2,000
LRC10 (2010)
2,000
LRC06 (1206)
2,000
(LRC) Derating Curve
100
80
60
40
20
0
20 40
60
80
160
140
120
100
0
180
Ambient Temperature (°C)
70
LRC Current Strip Chip Resistors
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - LRC06JTRK1M50

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LRC06JTRKA0M50G TOKEN-LRC06JTRKA0M50G Datasheet
943Kb / 12P
   Metal Strip Chip Current Sense Resistor
LRC06JTRKA0M75G TOKEN-LRC06JTRKA0M75G Datasheet
943Kb / 12P
   Metal Strip Chip Current Sense Resistor
LRC06JTRKA1M50G TOKEN-LRC06JTRKA1M50G Datasheet
943Kb / 12P
   Metal Strip Chip Current Sense Resistor
LRC06JTRKAR002G TOKEN-LRC06JTRKAR002G Datasheet
943Kb / 12P
   Metal Strip Chip Current Sense Resistor
LRC06JTRKAR011G TOKEN-LRC06JTRKAR011G Datasheet
943Kb / 12P
   Metal Strip Chip Current Sense Resistor
More results

Similar Description - LRC06JTRK1M50

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRG2512 BOURNS-CRG2512 Datasheet
746Kb / 3P
   Metal Strip Current Sense Chip Resistors
08/22
logo
KOA Speer Electronics, ...
SL2TTE KOA-SL2TTE Datasheet
177Kb / 6P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSR NIC-NCSR Datasheet
484Kb / 5P
   Current Sensing Chip Resistors
logo
List of Unclassifed Man...
TS-16949 ETC2-TS-16949 Datasheet
613Kb / 6P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSS NIC-NCSS Datasheet
92Kb / 6P
   Current Sensing Chip Resistors
logo
Bourns Electronic Solut...
CRF0805 BOURNS-CRF0805 Datasheet
265Kb / 1P
   Current Sensing Chip Resistors
logo
KOA Speer Electronics, ...
TSL1TTE KOA-TSL1TTE Datasheet
98Kb / 6P
   Current Detecting Chip Resistors
logo
NIC-Components Corp.
NCSP NIC-NCSP Datasheet
119Kb / 2P
   Current Sensing Chip Resistors
NCST NIC-NCST Datasheet
176Kb / 6P
   Current Sensing Chip Resistors
logo
American Accurate Compo...
CRL10R020JNM AAC-CRL10R020JNM_17 Datasheet
269Kb / 1P
   CURRENT SENSING CHIP RESISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com