Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCN06-10R101JP Datasheet(PDF) 5 Page - Token Electronics Industry Co., Ltd.

Part # RCN06-10R101JP
Description  FCR, RCA, RCN Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RCN06-10R101JP Datasheet(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  RCN06-10R101JP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RCN06-10R101JP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RCN06-10R101JP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RCN06-10R101JP Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. RCN06-10R101JP Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. RCN06-10R101JP Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
05 of 06
Tape Specifications (Unit: mm)
W
E
F
G
P2
P0
P1
D
A
B
Codes
A
B
W
F
E
P1
P2
P0
D
G
FCR03 1.10±0.20 1.90±0.20 8.0±0.3 3.50±0.05 1.75±0.10
4.0±0.1
2.00±0.05 4.0±0.1 1.5±0.1
-0
2.75
FCR05 1.65±0.20 2.45±0.20 8.0±0.3 3.50±0.05 1.75±0.10
4.0±0.1
2.00±0.05 4.0±0.1 1.5±0.1
-0
2.75
FCR06 2.00±0.10
-0.15
3.57±0.10
-0.15 8.0±0.3 3.50±0.05 1.75±0.10
4.0±0.1
2.00±0.05 4.0±0.1 1.5±0.1
-0
2.75
Tape Specifications (Unit: mm)
B
D
C
T
N
G
A
Symbol
A
B
C
D
G
N
T
Dimension
178 ± 2.0
20 ± 0.5
13.0 ± 0.5
20 min.
100 ± 1.5
80.0 ± 0.5
14.9 max.
How to Order
06
10
R
RCN
103
Type: SMD Network
Size: 06 (6.40×3.10mm)
Number of Terminals: 10
Nominal Resistance
Code
Resistance Tolerance
3-Digit
E12 Series
EX 10Ω=100
100Ω=101
Circuit Structure: R Circuit,S Circuit
Code
Package
TR
Taping Reel
P
Bulk
Package
Resistance Tolerance (%)
Code
Resistance Tolerance
J
±5%
J
TRS
Version 2010
FCR, RCA, RCN Chip Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - RCN06-10R101JP

ManufacturerPart #DatasheetDescription
logo
Rohm
RCN02 ROHM-RCN02 Datasheet
60Kb / 3P
   Resistors Chip type attenuator
RCN02 ROHM-RCN02 Datasheet
77Kb / 3P
   Chip Attenuators
RCN02M1PPEA35001 ROHM-RCN02M1PPEA35001 Datasheet
60Kb / 3P
   Resistors Chip type attenuator
RCN02M1PPEA35001 ROHM-RCN02M1PPEA35001 Datasheet
77Kb / 3P
   Chip Attenuators
RCN02M1PPEA35002 ROHM-RCN02M1PPEA35002 Datasheet
60Kb / 3P
   Resistors Chip type attenuator
More results

Similar Description - RCN06-10R101JP

ManufacturerPart #DatasheetDescription
logo
RFE international
RCNR34-04DR-1K0-J RFE-RCNR34-04DR-1K0-J Datasheet
89Kb / 1P
   SURFACE MOUNT RCN Series: Networks & Arrays RESISTORS
logo
Pomona Electronics
6880 POMONA-6880 Datasheet
90Kb / 1P
   RCA Jack, RCA Plug
logo
Switchcraft, Inc.
RCA05RCA SWITCH-RCA05RCA Datasheet
309Kb / 2P
   RCA PLUG TO RCA PLUG, RoHS
RCA10RCAB SWITCH-RCA10RCAB Datasheet
309Kb / 2P
   RCA PLUG TO RCA PLUG, RoHS
logo
Bourns Electronic Solut...
CR0603 BOURNS-CR0603 Datasheet
186Kb / 5P
   Chip Resistors
CR2512-LF BOURNS-CR2512-LF Datasheet
287Kb / 2P
   Chip resistors
logo
Switchcraft, Inc.
RCA10RCA SWITCH-RCA10RCA Datasheet
309Kb / 2P
   RCA PLUG TO RCA PLUG, RoHS
logo
Bourns Electronic Solut...
CR2010 BOURNS-CR2010 Datasheet
196Kb / 2P
   Chip Resistors
CHPREZTR BOURNS-CHPREZTR_14 Datasheet
260Kb / 5P
   Chip Resistors
CRM0805-FX-R100ELF BOURNS-CRM0805-FX-R100ELF Datasheet
300Kb / 3P
   Chip Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com