Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TREC453232N-1R0K Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # TREC453232N-1R0K
Description  TREC Chip Wire Wound RF Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TREC453232N-1R0K Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  TREC453232N-1R0K Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TREC453232N-1R0K Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TREC453232N-1R0K Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TREC453232N-1R0K Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TREC453232N-1R0K Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TREC Chip Wire Wound RF Inductors
04 of 05
Part No.
Inductance
(µH)
Q
(min)
Test Freq.
(MHZ)
SRF
(MHz)(min)
DCR
(Ω)(max)
IDC
(mA)
TREC322522N - 1R0M
1.0 ± 20%
10
7.96
100
0.156
770
TREC322522N - 1R5M
1.5 ± 20%
10
7.96
80
0.195
580
TREC322522N - 2R2M
2.2 ± 20%
10
7.96
65
0.260
480
TREC322522N - 3R3M
3.3 ± 20%
10
7.96
55
0.325
400
TREC322522N - 4R7M
4.7 ± 20%
10
7.96
45
0.520
320
TREC322522N - 6R8M
6.8 ± 20%
10
7.96
35
0.650
280
TREC322522N - 100K
10 ± 10%
15
2.52
28
1.105
220
TREC322522N - 150K
15 ± 10%
15
2.52
25
1.690
180
TREC322522N - 220K
22 ± 10%
15
2.52
20
2.600
145
TREC322522N - 330K
33 ± 10%
15
2.52
15
3.640
115
TREC322522N - 390K
39 ± 10%
15
2.52
14
4.500
110
TREC322522N - 470K
47 ± 10%
15
2.52
13
5.460
105
TREC322522N - 680K
68 ± 10%
15
2.52
10
8.450
85
TREC322522N - 820K
82 ± 10%
15
2.52
9
8.710
80
TREC322522N - 101K
100 ± 10%
15
0.796
8
10.14
75
Note: 1. Test equipment L, Q: HP4285A +16034E, or equivalent
2. SRF: HP8753C NETWORK ANALYZER, or equivalent.
3. DC resistance: AX-111A DIGITAL MILLIOHM METER, or equivalent.
TREC322522N (EIA 1210) - Electrical Characteristics
TREC322522N, TREC453232N - Mechanical Performance Test
REQUIREMENTS
CHARACTERISTICS
TEST METHOD(DIS C 5321)
Terminal Strength
No evidence of damage
Terminals shall withstand a pull of 0.5Kgf
in a horizoninal direction
Vibration
Δ L/L shall be within ±3%.
No evidence of damage
2 hours in each direction of X,Y,Z on p-Board
at a frequency range of 10-55-10HZ with
1.5mm amplitude
Dropping
Δ L/L shall be within ±3%.
No evidence of damage
Dropping 1m over the ground of conctete or
cement
TREC322522N, TREC453232N - Electrical Performance Test
REQUIREMENTS
CHARACTERISTICS
TEST METHOD(JIS C 5321)
Resistance to Soldering Heat
No evidence of damage
Δ L/L shall be within ±3%
Immerse in the solder (H63A) of 260±5°C for
10±1sec, leave for 2hrs at normal TEMP
Solderability
More than 90% surface to
be covered with new soldering
AV100V 60 SEC.
Dielectric with standing volt-
age
No veridence of breakdown
resistor 1000 Mohm and over
DC500V 30 SEC.
Insulation Resistance
No veidence of breakdown,
resistor 1000 Mohm and over
DC 500V 30 SEC.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TREC453232N-1R0K

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
TRE06 CINCON-TRE06 Datasheet
390Kb / 2P
   6W SWITCHING ADAPTER
TRE06S050 CINCON-TRE06S050 Datasheet
390Kb / 2P
   6W SWITCHING ADAPTER
TRE06S050-AXXA01 CINCON-TRE06S050-AXXA01 Datasheet
390Kb / 2P
   6W SWITCHING ADAPTER
TRE06S050-AXXA02 CINCON-TRE06S050-AXXA02 Datasheet
390Kb / 2P
   6W SWITCHING ADAPTER
TRE06S050-AXXA03 CINCON-TRE06S050-AXXA03 Datasheet
390Kb / 2P
   6W SWITCHING ADAPTER
More results

Similar Description - TREC453232N-1R0K

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-0805CM561JTT PULSE-PE-0805CM561JTT Datasheet
666Kb / 30P
   WIRE-WOUND RF CHIP INDUCTORS
logo
Token Electronics Indus...
TREM322522N TOKEN-TREM322522N Datasheet
393Kb / 6P
   TREM RF Chip Wire Wound Inductors
logo
Sumida Corporation
5501 SUMIDA-5501 Datasheet
355Kb / 4P
   Wire Wound Chip Inductors
5506 SUMIDA-5506 Datasheet
391Kb / 3P
   Wire Wound Chip Inductors
5514 SUMIDA-5514 Datasheet
382Kb / 3P
   Wire Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2518T220K TAIYO-YUDEN-LB2518T220K Datasheet
137Kb / 1P
   Wire-wound Chip Inductors
LB2518T221M TAIYO-YUDEN-LB2518T221M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB3218T331M TAIYO-YUDEN-LB3218T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2518T331M TAIYO-YUDEN-LB2518T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
logo
Central Technologies
CT0603HCF CT-CT0603HCF Datasheet
377Kb / 1P
   Wire-wound Chip Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com