Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XM28C020-25 Datasheet(PDF) 10 Page - Xicor Inc.

Part # XM28C020-25
Description  5 Volt, Byte Alterable E2PROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

XM28C020-25 Datasheet(HTML) 10 Page - Xicor Inc.

Back Button XM28C020-25 Datasheet HTML 6Page - Xicor Inc. XM28C020-25 Datasheet HTML 7Page - Xicor Inc. XM28C020-25 Datasheet HTML 8Page - Xicor Inc. XM28C020-25 Datasheet HTML 9Page - Xicor Inc. XM28C020-25 Datasheet HTML 10Page - Xicor Inc. XM28C020-25 Datasheet HTML 11Page - Xicor Inc. XM28C020-25 Datasheet HTML 12Page - Xicor Inc. XM28C020-25 Datasheet HTML 13Page - Xicor Inc. XM28C020-25 Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
XM28C020
10
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias .................. –65
°C to +135°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on any Pin with
Respect to VSS ................................................ –1V to +7V
D.C. Output Current ............................................. 5mA
Lead Temperature
(Soldering, 10 seconds) .............................. 300
°C
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
D.C. OPERATING CHARACTERISTICS
XM28C020 TA = 0°C to +70°C, VCC = +5V ±10%, unless otherwise specified.
XM28C020I TA = –40°C to +85°C, VCC = +5V ±10%, unless otherwise specified.
XM28C020M TA = –55°C to +125°C, VCC = +5V ±10%, unless otherwise specified.
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
ICC
VCC Current (Active)
100
mA
CE = OE = VIL, WE = VIH,
(TTL Inputs)
All I/O’s = Open, 1 Device Active
Address Inputs = TTL Levels
@ f = 5MHz
ISB1
VCC Current (Standby)
25
mA
CE = VIH, OE = VIL
(TTL Inputs)
All I/O’s = Open, Other Inputs = VIH
ISB2
VCC Current (Standby)
5
mA
CE = VIH, OE = VIL
(CMOS Inputs)
All I/O’s = Open, Other Inputs = VCC
ILI
Input Leakage Current
20
µAVIN = VSS to VCC
ILO
Output Leakage Current
20
µAVOUT = VSS to VCC, CE = VIH
VlL
Input LOW Voltage
–1
0.8
V
VIH
Input HIGH Voltage
2
VCC + 1
V
VOL
Output LOW Voltage
0.4
V
IOL = 2.1mA
VOH
Output HIGH Voltage
2.4
V
IOH = –400
µA
3856 PGM T02.2
POWER-UP TIMING
Symbol
Parameter
Typ.(1)
Units
tPUR(2)
Power-up to Initiation of Read Operation
100
µs
tPUW(2)
Power-up to Initiation of Write Operation
5
ms
3872 PGM T03
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5V
Symbol
Parameter
Max.
Units
Test Conditions
CI/O(2)
Input/Output Capacitance
50
pF
VI/O = 0V
CIN(2)
Input Capacitance
50
pF
VIN = 0V
3872 PGM T04.1
Notes: (1) Typical values are for TA = 25°C and nominal supply voltage.
(2) This parameter is periodically sampled and not 100% tested.


Similar Part No. - XM28C020-25

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
XM28C010P XICOR-XM28C010P Datasheet
25Kb / 3P
   High Speed 5 Volt Byte Alterable Nonvolatile Memory Array
XM28C010P-12 XICOR-XM28C010P-12 Datasheet
25Kb / 3P
   High Speed 5 Volt Byte Alterable Nonvolatile Memory Array
XM28C010P-15 XICOR-XM28C010P-15 Datasheet
25Kb / 3P
   High Speed 5 Volt Byte Alterable Nonvolatile Memory Array
XM28C010P-20 XICOR-XM28C010P-20 Datasheet
25Kb / 3P
   High Speed 5 Volt Byte Alterable Nonvolatile Memory Array
XM28C010P-70 XICOR-XM28C010P-70 Datasheet
25Kb / 3P
   High Speed 5 Volt Byte Alterable Nonvolatile Memory Array
More results

Similar Description - XM28C020-25

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28C010 XICOR-X28C010 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
X28C256 XICOR-X28C256 Datasheet
113Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
X2804C XICOR-X2804C Datasheet
54Kb / 13P
   5 Volt, Byte Alterable E2PROM
X2816C XICOR-X2816C Datasheet
72Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C512 XICOR-X28C512 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com