Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JT10.7MG80EP Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # JT10.7MG80EP
Description  JT10.7M Ceramic Discriminators for FM
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

JT10.7MG80EP Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  JT10.7MG80EP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. JT10.7MG80EP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. JT10.7MG80EP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. JT10.7MG80EP Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Test Circuit
04 of 04
How to Order
JT10.7MG3
A
P
1
2
3
4
5
6
7
8
9
10
11
12
26
25
24
23
22
21
20
19
18
17
16
15
13
14
27
28
V
CC=5V
AF OUT
100µ
+ +
-
-
10µ
0.1µ
33µ
10µ
+ +
-
-
+
-
4.7µ
AFC
0.01µ
0.01µ
FM
S.S.G
R
g-50
Ref
100µ
+
-
CXA1019M (SONY)
+
-
JTCV 10.7MC
1
Part Number
Center Frequency color code
Packaging
Code
Center Frequency color code
A
10.70MHz±30kHz
B
10.67MHz±30kHz
C
10.73MHz±30kHz
D
10.64MHz±30kHz
E
10.76MHz±30kHz
JT10.7M Ceramic Discriminators for FM
Back to 1st Page - Ceramic Discriminator JT107M
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - JT10.7MG80EP

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
JT10.7MG80 YIC-JT10.7MG80 Datasheet
493Kb / 1P
   LTCS10.7 Ssries of ceramic filter SMD Type 10.7MHz
More results

Similar Description - JT10.7MG80EP

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CDBKB455KCLX36-R0 MURATA1-CDBKB455KCLX36-R0_V01 Datasheet
265Kb / 3P
   Ceramic Discriminators
10/18/2022
logo
Murata Manufacturing Co...
CDBKB455KCAY09-R0 MURATA-CDBKB455KCAY09-R0 Datasheet
1Mb / 78P
   Ceramic Discriminators for Communications Equipment
logo
Token Electronics Indus...
JTM455C24P TOKEN-JTM455C24P Datasheet
275Kb / 2P
   JTM Ceramic Discriminators
logo
Murata Manufacturing Co...
CFUKG455KE4A-R0 MURATA-CFUKG455KE4A-R0 Datasheet
1Mb / 78P
   Ceramic Discriminators for Communications Equipment
logo
TOKO, Inc
CDA455C7 TOKO-CDA455C7 Datasheet
160Kb / 1P
   AM Ceramic Discriminators
logo
Murata Manufacturing Co...
CFULA455KB2A-B0 MURATA-CFULA455KB2A-B0 Datasheet
224Kb / 16P
   Ceramic Filters (CERAFIL짰)/Ceramic Discriminators for Communications Equipment
logo
TOKO, Inc
ECDA455C16 TOKO-ECDA455C16 Datasheet
186Kb / 1P
   AM Ceramic Discriminators for Surface Mounting
logo
Token Electronics Indus...
JTCV10.7MG3TR TOKEN-JTCV10.7MG3TR Datasheet
324Kb / 4P
   JTCV10.7M Chip Ceramic Discriminators
JTC455C24TR TOKEN-JTC455C24TR Datasheet
287Kb / 2P
   JTC Chip Ceramic Discriminators
logo
List of Unclassifed Man...
LT10.7MA20 ETC2-LT10.7MA20 Datasheet
118Kb / 1P
   CERAMIC FILTER FOR FM RADIO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com