Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMC2WA510RM Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # RMC2WA510RM
Description  RMCA, RMCB Ceramic Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RMC2WA510RM Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  RMC2WA510RM Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RMC2WA510RM Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RMC2WA510RM Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02 of 03
General Specifications (Unit: mm)
Electrical Characterisics
D
L
Cap
RMC-B Style
Silver Layer
D
L
RMC-A Style
Model
Style
Rated Wattage
Dimensions (mm)
L
D
RMC
A
1
7 ± 1.5
4.0 ± 0.4
9 ± 1.5
4.0 ± 0.4
10 ± 1.5
4.0 ± 0.4
B
11 ± 1.5
4.6 ± 0.5
RMC
A
2
18 ± 1.5
4.0 ± 0.4
B
19 ± 1.5
4.6 ± 0.5
RMC
A
3
24 ± 2.0
4.0 ± 0.4
B
25 ± 2.0
4.6 ± 0.5
RMC
A
5
24 ± 2.0
7.0 ± 0.5
B
25 ± 2.0
7.6 ± 0.5
Item
RMCA, RMCB
Power Rating at 25°C (W)
1
2
3
5
Operating Temp. Range (°C)
-40 ~ 155
Resistance Tolerance
K(±10%), M(±20%)
Resistance Range (Ω)
470 ~ 33K
1K ~ 56K
1K ~ 100K
470 ~ 33K
Max. Working Voltage (V)
300
350
400
500
T.C.R (PPM/°C)
-40°C ~ 25°C
-750 ~ 3300
-750 ~ 3300
-750 ~ 3300
-750 ~ 3300
25°C~155°C
-750 ~ 2600
-750 ~ 2600
-750 ~ 2600
-750 ~ 2600
Max. Pulse Voltage (KV)
8
15
20
25
Moisture Resistance (%)
10
10
10
10
Note: Non-Inductive Performance:
1. Chemically inert and thermally stable, the resistors are inherently non-inductive because of their bulk ceramic construction,
which allows energy and power to be uniformly distributed through the entire ceramic resistor body with no film or wire to fail.
2. The bulk ceramic material also allows simple efficient resistor designs that enable the designer to minimize the resistor
package size while providing the required performance and reliability.
Version 2010
RMCA, RMCB Ceramic Resistors
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - RMC2WA510RM

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RMC2WA510RM TOKEN-RMC2WA510RM Datasheet
400Kb / 5P
   Bulk Ceramic Composition Resistors
More results

Similar Description - RMC2WA510RM

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
CCR WELWYN-CCR Datasheet
83Kb / 4P
   Carbon Ceramic Resistors
logo
Willow Technologies Ltd
UW-2 WILLOW-UW-2 Datasheet
347Kb / 2P
   Ceramic Wirewound Resistors
logo
Riedon Powertron
UV-2 RIEDON-UV-2 Datasheet
290Kb / 2P
   Ceramic Wirewound Resistors
UW-2 RIEDON-UW-2 Datasheet
272Kb / 2P
   Ceramic Wirewound Resistors
logo
IRC - a TT electronics ...
WBA-T0303GG-01-1002-KJ IRCTT-WBA-T0303GG-01-1002-KJ Datasheet
507Kb / 3P
   Wire Bondable Ceramic Resistors
logo
KOA Speer Electronics, ...
PCF1C KOA-PCF1C Datasheet
93Kb / 6P
   Fixed Ceramic Composition Resistors
logo
TT Electronics.
SQP TTELEC-SQP_18 Datasheet
338Kb / 3P
   Ceramic Case Resistors-Wirewound
logo
Token Electronics Indus...
RMC TOKEN-RMC Datasheet
400Kb / 5P
   Bulk Ceramic Composition Resistors
logo
List of Unclassifed Man...
RQB05 ETC-RQB05 Datasheet
711Kb / 2P
   Ceramic Encased Wire Wound Resistors
RQL10 ETC-RQL10 Datasheet
619Kb / 2P
   Ceramic Encased Wire Wound Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com