Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTCA10.7MA5TR Datasheet(PDF) 7 Page - Token Electronics Industry Co., Ltd.

Part # LTCA10.7MA5TR
Description  Filters for FM ,TV/VCR Stage, Communication
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LTCA10.7MA5TR Datasheet(HTML) 7 Page - Token Electronics Industry Co., Ltd.

Back Button LTCA10.7MA5TR Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. LTCA10.7MA5TR Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. LTCA10.7MA5TR Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. LTCA10.7MA5TR Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. LTCA10.7MA5TR Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. LTCA10.7MA5TR Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. LTCA10.7MA5TR Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. LTCA10.7MA5TR Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. LTCA10.7MA5TR Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
LTCS10.7M Chip Ceramic Filters
Chip Ceramic Filters
LTCS10.7M Low Profile Chip Ceramic Filter
is Murata SFECS10M7 Compatible
Various bandwidths are available including standard and custom bandwidth on request with 30 db Minimum
Spurious Attenuation at (9-12MHz). Maximum Insertion Loss (dB) 3.5±2.0 db ~ 4.5±2.0 db and Input/Output
Impedance 330Ω provide customers select a suitable type in accordance with the desired selectivity.
Custom parts are available on request. Token will also produce devices outside these specifications to meet
specific customer requirements, please contact our sales for more information.
Preview
Token LTCS10.7M Chip Ceramic Filter for FM-
receiver utilizes the latest piezoelectric ceramic
technology enabling the most cost-effective
designs. The LTCS10.7M constructs with
piezoelectric element which is connected in the
sandwich shape by ceramics substrate. With a small
mounting area (3.45±0.2 x 3.1±0.2 mm) and super
thin profile (1.4 mm max.) enables flexible PCB
design. Products conform to the RoHS directive.
Features
- Mountable by automatic placers.
- Storage temperature range: -40 to +85 ( °C ).
- Operating temperature range: -20 to +80 ( °C ).
- Various bandwidths are available. Select a suitable type in accordance with the desired selectivity.
- Slim at only 1.5mm max. thickness, and have a small mounting area enabling flexible PCB design.
Applications
- Small, thin radios.
- Headphone stereos.
TOKEN
05 of 46
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - LTCA10.7MA5TR

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LTCA10.7MA5 TOKEN-LTCA10.7MA5 Datasheet
329Kb / 2P
   LTCA/CV10.7M SMD Ceramic Filters
logo
Shenzhen Luguang Electr...
LTCA10.7MA5 LUGUANG-LTCA10.7MA5 Datasheet
198Kb / 5P
   filters of 2 ceramic elements for communication
logo
Transko Electronics, In...
LTCA10.7MA5 TRANSKO-LTCA10.7MA5 Datasheet
361Kb / 2P
   CERAMIC FILTER (10.7MHz Series, SMD)
Rev 5: 07-31-2023
More results

Similar Description - LTCA10.7MA5TR

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LT4.5MB TOKEN-LT4.5MB Datasheet
321Kb / 3P
   LT MB Ceramic Filters for TV/VCR Stage
LTT4.5MA TOKEN-LTT4.5MA Datasheet
304Kb / 3P
   LTT MA Ceramic Filters for TV/VCR Stage
XT3.58MBP TOKEN-XT3.58MBP Datasheet
429Kb / 15P
   CERAMIC TRAP FILTERS Ceramic Trap For TV/VCR Stage
logo
Oscilent Corporation
760-0107-FP OSCILENT-760-0107-FP Datasheet
139Kb / 2P
   For TV / VCR
773-0065 OSCILENT-773-0065 Datasheet
140Kb / 2P
   For TV / VCR
753-4725M-A OSCILENT-753-4725M-A Datasheet
130Kb / 2P
   For TV / VCR
logo
Murata Manufacturing Co...
MKTGA30M0AALP00B05 MURATA-MKTGA30M0AALP00B05 Datasheet
102Kb / 4P
   Traps for TV/VCR
logo
Oscilent Corporation
752-0065 OSCILENT-752-0065 Datasheet
141Kb / 2P
   Trap For TV / VCR
772-0045 OSCILENT-772-0045 Datasheet
140Kb / 2P
   Ceramic Series For TV / VCR
753-39.5M-A OSCILENT-753-39.5M-A Datasheet
130Kb / 2P
   Ceramic Trap For TV/VCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com