Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR30A3W22533N Datasheet(PDF) 5 Page - Token Electronics Industry Co., Ltd.

Part # DR30A3W22533N
Description  DR Dielectric Coaxial Ceramic Resonators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DR30A3W22533N Datasheet(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  DR30A3W22533N Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. DR30A3W22533N Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. DR30A3W22533N Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. DR30A3W22533N Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. DR30A3W22533N Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DR Dielectric Coaxial Ceramic Resonators
How to Order
Dielectric Resonators
Dimension
Code
Impedance
1
2
3
DR
30
A
1
W4
Material
Impedance
Code
Wave Length
W2
λ/2
W4
λ/4
Wave Length
2533
T
Center Frequency (MHz)
Code
Configuration
T
tab
N
without tab
Configuration
Back to 1st Page - Dielectric Resonators TEM Mode - DR
Material
Dielectric
Constant
Tf [1]
Type
Characteristic
Impedance (Ω)
Wave
Length
Frequency
Range (MHz)
Q [2]
(min)
C Series
90±2
0±10
D120
7 8
λ/4
400~800
650
λ/2
800~1500
700
D100
7
λ/4
600~800
550
λ/2
1200~2400
650
D080
7
λ/4
440~1000
450
λ/2
1000~1500
550
D060
6 7 7
λ/4
440~1300
400
λ/2
1000~2200
470
D050
7 8
λ/4
500~1800
380
λ/2
1000~3000
450
D040
6 7 8
λ/4
900~1600
200
λ/2
2000~4800
300
D030
D020
7
λ/4
900~1600
250
8
λ/4
900~1600
150
Note:1.Frequency stability of temperature.
2.Q value depends on lower limit of frequency range.
Continued from the preceding page.
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw
05 of 05


Similar Part No. - DR30A3W22533N

ManufacturerPart #DatasheetDescription
logo
Dubilier
DR30 DUBILIER-DR30 Datasheet
214Kb / 1P
   CERAMIC MULTI-LAYER RADIAL
logo
Electronic devices inc.
DR300 EDI-DR300 Datasheet
45Kb / 2P
   FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS
logo
RF Monolithics, Inc
DR3000 RFM-DR3000 Datasheet
67Kb / 5P
   916.50 MHz Transceiver Module
logo
Murata Manufacturing Co...
DR3000 MURATA-DR3000 Datasheet
294Kb / 5P
   916.50 MHz Transceiver Module
logo
RF Monolithics, Inc
DR3000-1 RFM-DR3000-1 Datasheet
65Kb / 5P
   916.50 MHz Transceiver Module
More results

Similar Description - DR30A3W22533N

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
ZTB456F EUROQUARTZ-ZTB456F Datasheet
29Kb / 1P
   CERAMIC RESONATORS
ZTT2MG EUROQUARTZ-ZTT2MG Datasheet
60Kb / 1P
   CERAMIC RESONATORS
logo
Raltron Electronics Cor...
POI RALTRON-POI Datasheet
91Kb / 1P
   CERAMIC RESONATORS
logo
TDK Electronics
CCR20.0MUC8T TDK-CCR20.0MUC8T Datasheet
112Kb / 7P
   Ceramic Resonators
logo
EUROQUARTZ limited
ZTB190D EUROQUARTZ-ZTB190D Datasheet
43Kb / 1P
   CERAMIC RESONATORS
logo
TDK Electronics
FCR3.45MC5 TDK-FCR3.45MC5 Datasheet
65Kb / 3P
   Ceramic Resonators
logo
EUROQUARTZ limited
ZTA EUROQUARTZ-ZTA Datasheet
49Kb / 1P
   CERAMIC RESONATORS
ZTB450E EUROQUARTZ-ZTB450E Datasheet
43Kb / 1P
   CERAMIC RESONATORS
logo
AEL Crystals Ltd
ZTT AEL-ZTT Datasheet
144Kb / 1P
   Ceramic Resonators
logo
Raltron Electronics Cor...
POE-A RALTRON-POE-A Datasheet
42Kb / 1P
   CERAMIC RESONATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com