Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTS4.5MDBP Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # LTS4.5MDBP
Description  LTS MCB/MDB Ceramic Filters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LTS4.5MDBP Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  LTS4.5MDBP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LTS4.5MDBP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LTS4.5MDBP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02 of 03
LTS MCB/MDB Ceramic Filters
Dimensions
Technical Characteristics
+0.8
-1.0
LTS4.5MCB
Frequency(MHz)
0
10
20
30
40
50
60
3.9 4.1 4.3 4.5 4.7 4.9
Part
Number
Nominal
Center Frequency
(fo) (MHz)
3dB
Band Width
(kHz) min
20dB
Band Width
(kHz) max
Insert
Loss
(dB) max
Spurious
Attenuation
(0~fo) (dB) min
Input/Output
Impedance
(Ω)
LTS4.5MCB
4.500
fo±60
600
6.0
30
1000
LTS4.5MDB
4.500
fo±70
750
6.0
30
1000
LTS5.5MCB
5.500
fo±60
600
6.0
30
600
LTS5.5MDB
5.500
fo±80
750
6.0
30
600
LTS6.0MCB
6.000
fo±60
600
6.0
30
470
LTS6.0MDB
6.000
fo±80
750
6.0
30
470
LTS6.5MCB
6.500
fo±70
650
6.0
30
470
LTS6.5MDB
6.500
fo±80
800
6.0
30
470
10.0max
4.0max
0.5±0.1
0.3±0.1
2.5±0.3
2.5±0.3
L4.5C
Input
Ground
Output
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - LTS4.5MDBP

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
LTS4.5MDB TRANSKO-LTS4.5MDB Datasheet
370Kb / 1P
   CERAMIC FILTER (MHz band, 3pins)
Rev. 1: Jul. 2014
More results

Similar Description - LTS4.5MDBP

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
2795-303-9 WINCHESTER-2795-303-9 Datasheet
60Kb / 1P
   PLUG, THREADED, MDB
323309 WINCHESTER-323309 Datasheet
34Kb / 1P
   MDB PLUG 4 SLOT
logo
EUROQUARTZ limited
LPP450 EUROQUARTZ-LPP450 Datasheet
58Kb / 1P
   CERAMIC FILTERS
LZU450C EUROQUARTZ-LZU450C Datasheet
35Kb / 1P
   CERAMIC FILTERS
logo
List of Unclassifed Man...
CFU455B2 ETC-CFU455B2 Datasheet
57Kb / 2P
   CERAMIC FILTERS
logo
EUROQUARTZ limited
L10.7 EUROQUARTZ-L10.7 Datasheet
45Kb / 1P
   CERAMIC FILTERS
LPU-B EUROQUARTZ-LPU-B Datasheet
53Kb / 1P
   CERAMIC FILTERS
LPB-J EUROQUARTZ-LPB-J Datasheet
50Kb / 1P
   CERAMIC FILTERS
logo
Murata Manufacturing Co...
SAFC162MC70N MURATA-SAFC162MC70N Datasheet
150Kb / 5P
   CERAMIC MICROWAVE FILTERS SAW FILTERS
logo
LEM
LTS-6-NP LEM-LTS-6-NP Datasheet
625Kb / 4P
   Current Transducer LTS 6-NP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com