Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC455GW Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # LTC455GW
Description  Chip Ceramic Filters for Communication
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LTC455GW Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  LTC455GW Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LTC455GW Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LTC455GW Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
01 of 03
Chip Ceramic Filters
for Communication
Surface Mount Ceramic Filters
for Communication (Murata CFUCG Compatible)
LTC 455/450 Chip Ceramic Filters
Preview
Token chip ceramic filters LTC455/450 U/W series for communication (Compatible to Murata CFUCG series)
comprises small, high performance, thin (4.0mm) consisting of 4 ceramic elements. Their innovative construction
is perfect for shrinking mobile communication products such as pocket pagers and cellular phones.
The surface mount LTC455/450 U/W series for AM use is one of the most recommendable intermediate filters,
having such distinctive features as high selectivity, high stability and adjustment-free operation. Additionally its
easy matching with IC helps create an easy circuit design.
With dimensions (7.5 x 6.0 mm) and 4.0 mm low profile, the LTC455/450 U/W filters have a small mounting
area enabling flexible PCB design and are suitable for automatic placers. Standard Center Frequency is 455kHz
with tolerance ±1.5 and 450kHz is also available. Pass Band Ripple (dB) max is 2db, Input / Output Impedance is
1000Ω and 1500Ω.
Custom parts are available on request. Token will also produce devices outside these specifications to meet
specific customer requirements, please contact our sales for more information.
Features
- They are slim, at only 4.0mm max. thickness, and have a small mounting area enabling flexible PCB design.
- Operating temperature range: -20°C to +80°C.
- Can be reflow soldered and withstand washing.
- The bandwidth ranges from D to G.
- Mountable by automatic placers.
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - LTC455GW

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
LTC455GW TRANSKO-LTC455GW Datasheet
177Kb / 2P
   CERAMIC FILTER
Rev. 7: Oct 31, 2018
More results

Similar Description - LTC455GW

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LTB450AL2P TOKEN-LTB450AL2P Datasheet
342Kb / 3P
   LTB Ceramic Filters for Communication
logo
Murata Manufacturing Co...
LFB155G37CB1C032 MURATA-LFB155G37CB1C032 Datasheet
129Kb / 9P
   Filters for Communication Equipment Chip Multilayer LC Filters (BPF)
logo
Shenzhen Luguang Electr...
LTCA107MA5 LUGUANG-LTCA107MA5 Datasheet
198Kb / 5P
   filters of 2 ceramic elements for communication
LTCA107MS2 LUGUANG-LTCA107MS2 Datasheet
218Kb / 5P
   filters of 2 ceramic elements for communication
logo
Murata Manufacturing Co...
LFL212G45TC1A007 MURATA-LFL212G45TC1A007 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
EPCOS
B84299G0111 EPCOS-B84299G0111 Datasheet
123Kb / 4P
   Filters for Communication Lines
logo
Murata Manufacturing Co...
LFB32426MSC1-603 MURATA1-LFB32426MSC1-603_V01 Datasheet
79Kb / 5P
   Filters for Communication Equipment
03.12.9
logo
EPCOS
B84312C0112E001 EPCOS-B84312C0112E001 Datasheet
456Kb / 8P
   Filters for Communication Lines
logo
Murata Manufacturing Co...
LFB32741MSA1-744 MURATA1-LFB32741MSA1-744 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
logo
EPCOS
B84299G0126A EPCOS-B84299G0126A Datasheet
509Kb / 9P
   Filters for Communication Lines
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com