Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTP450BY Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # LTP450BY
Description  LTP Ceramic Filters for AM
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LTP450BY Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  LTP450BY Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LTP450BY Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LTP450BY Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02 of 03
LTP Ceramic Filters for AM
Dimensions
Technical Characteristics
7.0
3.2
LTP
455B
① Input
2.5 2.5
L
② Ground
③ Output
IFT+LTP450B
Frequency(MHz)
0
10
20
30
40
50
60
435
445
455
465
475
Part
Number
3dB
Band Width
(kHz)
Center
Frequency
(fo) (kHz)
Selectivity(dB)min
Insert Loss
(dB) max
Composition
Lead Length
L (mm)
-9kHz off +9kHz off
L1
L2
LTP455A
9.5±3
455±2
5.0
3.0
5.0
one element
3.6
5.0
LTP455B
9.5±3
462±2
5.0
3.0
5.0
one element
with IFT
LTP450BY
7±2
455±2
6.0
5.0
5.0
LTP450BY1
4.5±1.5
452.5±2
9.0
8.0
5.0
Note: Center Frequency (fo) is available in a range of 450~470kHz.
The nominal frequency tolerance is±2kHz.
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - LTP450BY

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTP4SG OSRAM-LTP4SG Datasheet
597Kb / 22P
   PointLED
LTP4SG-V1AB-36-1 OSRAM-LTP4SG-V1AB-36-1 Datasheet
597Kb / 22P
   PointLED
LTP4SG-V1AB-36-F OSRAM-LTP4SG-V1AB-36-F Datasheet
597Kb / 22P
   PointLED
More results

Similar Description - LTP450BY

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LTZ455HL TOKEN-LTZ455HL Datasheet
300Kb / 3P
   LTZ Ceramic Filters for AM
logo
TOKO, Inc
CFA TOKO-CFA Datasheet
95Kb / 1P
   AM CERAMIC FILTERS
LFY TOKO-LFY Datasheet
194Kb / 2P
   AM CERAMIC FILTERS
CFM2 TOKO-CFM2 Datasheet
96Kb / 1P
   AM CERAMIC FILTERS
CFMM2 TOKO-CFMM2 Datasheet
118Kb / 1P
   AM CERAMIC FILTERS
CFMR TOKO-CFMR Datasheet
95Kb / 1P
   AM CERAMIC FILTERS
ALFY455H TOKO-ALFY455H Datasheet
117Kb / 1P
   AM CERAMIC FILTERS
CFJW TOKO-CFJW Datasheet
90Kb / 1P
   AM CERAMIC FILTERS
LFC TOKO-LFC Datasheet
173Kb / 2P
   AM CERAMIC FILTERS
CFMA TOKO-CFMA Datasheet
114Kb / 1P
   AM CERAMIC FILTERS WITH MATCHING COIL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com