Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTCS10.7MS2TR Datasheet(PDF) 42 Page - Token Electronics Industry Co., Ltd.

Part # LTCS10.7MS2TR
Description  Filters for FM ,TV/VCR Stage, Communication
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LTCS10.7MS2TR Datasheet(HTML) 42 Page - Token Electronics Industry Co., Ltd.

Back Button LTCS10.7MS2TR Datasheet HTML 38Page - Token Electronics Industry Co., Ltd. LTCS10.7MS2TR Datasheet HTML 39Page - Token Electronics Industry Co., Ltd. LTCS10.7MS2TR Datasheet HTML 40Page - Token Electronics Industry Co., Ltd. LTCS10.7MS2TR Datasheet HTML 41Page - Token Electronics Industry Co., Ltd. LTCS10.7MS2TR Datasheet HTML 42Page - Token Electronics Industry Co., Ltd. LTCS10.7MS2TR Datasheet HTML 43Page - Token Electronics Industry Co., Ltd. LTCS10.7MS2TR Datasheet HTML 44Page - Token Electronics Industry Co., Ltd. LTCS10.7MS2TR Datasheet HTML 45Page - Token Electronics Industry Co., Ltd. LTCS10.7MS2TR Datasheet HTML 46Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
LTB Ceramic Filters for Communication
Dimensions
Technical Characteristics
3.2
9.2
5.0
2.5
Input
Ground
Output
2.5
4.0
Part
Number
Center
Frequency
(fo) (kHz)
6dB
Band
Width
(kHz) min
Selectivity
± 9kHz off
(dB) min
Pass
Band
Ripple
(dB) max
Insertion
Loss
(dB) max
Input/
Output
Impedance
(Ω)
LTB450AL2
450±2
4
18
1.0
6.8
1.0/1.5
LTB455AL2
455±2
LTB465AL2
465±2
LTB450BL2
450±2
6
16
1.0
5.8
1.5/2.0
LTB455BL2
455±2
LTB465BL2
465±2
50
40
30
20
10
0
LT465A
455
465
475
Frequency(KHz)
TOKEN
40 of 46
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - LTCS10.7MS2TR

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
LTCS10.7MS2 YIC-LTCS10.7MS2 Datasheet
493Kb / 1P
   LTCS10.7 Ssries of ceramic filter SMD Type 10.7MHz
logo
Transko Electronics, In...
LTCS10.7MS2 TRANSKO-LTCS10.7MS2 Datasheet
361Kb / 2P
   CERAMIC FILTER (10.7MHz Series, SMD)
Rev 5: 07-31-2023
logo
Yuechung International ...
LTCS10.7MS2 YIC-LTCS10.7MS2 Datasheet
299Kb / 1P
   LT 10.7M Series of Ceramic Filter for FM
LTCS10.7MS2 YIC-LTCS10.7MS2 Datasheet
494Kb / 1P
   LTCS10.7 Series of Ceramic Filter SMD Type
More results

Similar Description - LTCS10.7MS2TR

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LT4.5MB TOKEN-LT4.5MB Datasheet
321Kb / 3P
   LT MB Ceramic Filters for TV/VCR Stage
LTT4.5MA TOKEN-LTT4.5MA Datasheet
304Kb / 3P
   LTT MA Ceramic Filters for TV/VCR Stage
XT3.58MBP TOKEN-XT3.58MBP Datasheet
429Kb / 15P
   CERAMIC TRAP FILTERS Ceramic Trap For TV/VCR Stage
logo
Oscilent Corporation
760-0107-FP OSCILENT-760-0107-FP Datasheet
139Kb / 2P
   For TV / VCR
773-0065 OSCILENT-773-0065 Datasheet
140Kb / 2P
   For TV / VCR
753-4725M-A OSCILENT-753-4725M-A Datasheet
130Kb / 2P
   For TV / VCR
logo
Murata Manufacturing Co...
MKTGA30M0AALP00B05 MURATA-MKTGA30M0AALP00B05 Datasheet
102Kb / 4P
   Traps for TV/VCR
logo
Oscilent Corporation
752-0065 OSCILENT-752-0065 Datasheet
141Kb / 2P
   Trap For TV / VCR
772-0045 OSCILENT-772-0045 Datasheet
140Kb / 2P
   Ceramic Series For TV / VCR
753-39.5M-A OSCILENT-753-39.5M-A Datasheet
130Kb / 2P
   Ceramic Trap For TV/VCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com