Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LTCS10.7MS2TR Datasheet(PDF) 34 Page - Token Electronics Industry Co., Ltd.

Part No. LTCS10.7MS2TR
Description  Filters for FM ,TV/VCR Stage, Communication
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOKEN [Token Electronics Industry Co., Ltd.]
Homepage  http://www.token.com.tw
Logo 

LTCS10.7MS2TR Datasheet(HTML) 34 Page - Token Electronics Industry Co., Ltd.

Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
LTP Ceramic Filters for AM
Dimensions
Technical Characteristics
7.0
3.2
LTP
455B
① Input
2.5 2.5
L
② Ground
③ Output
IFT+LTP450B
Frequency(MHz)
0
10
20
30
40
50
60
435
445
455
465
475
Part
Number
3dB
Band Width
(kHz)
Center
Frequency
(fo) (kHz)
Selectivity(dB)min
Insert Loss
(dB) max
Composition
Lead Length
L (mm)
-9kHz off +9kHz off
L1
L2
LTP455A
9.5±3
455±2
5.0
3.0
5.0
one element
3.6
5.0
LTP455B
9.5±3
462±2
5.0
3.0
5.0
one element
with IFT
LTP450BY
7±2
455±2
6.0
5.0
5.0
LTP450BY1
4.5±1.5
452.5±2
9.0
8.0
5.0
Note: Center Frequency (fo) is available in a range of 450~470kHz.
The nominal frequency tolerance is±2kHz.
TOKEN
32 of 46
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn