Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTCS10.7MS2TR Datasheet(PDF) 22 Page - Token Electronics Industry Co., Ltd.

Part # LTCS10.7MS2TR
Description  Filters for FM ,TV/VCR Stage, Communication
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LTCS10.7MS2TR Datasheet(HTML) 22 Page - Token Electronics Industry Co., Ltd.

Back Button LTCS10.7MS2TR Datasheet HTML 18Page - Token Electronics Industry Co., Ltd. LTCS10.7MS2TR Datasheet HTML 19Page - Token Electronics Industry Co., Ltd. LTCS10.7MS2TR Datasheet HTML 20Page - Token Electronics Industry Co., Ltd. LTCS10.7MS2TR Datasheet HTML 21Page - Token Electronics Industry Co., Ltd. LTCS10.7MS2TR Datasheet HTML 22Page - Token Electronics Industry Co., Ltd. LTCS10.7MS2TR Datasheet HTML 23Page - Token Electronics Industry Co., Ltd. LTCS10.7MS2TR Datasheet HTML 24Page - Token Electronics Industry Co., Ltd. LTCS10.7MS2TR Datasheet HTML 25Page - Token Electronics Industry Co., Ltd. LTCS10.7MS2TR Datasheet HTML 26Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
LTS MCB/MDB Ceramic Filters
Dimensions
Technical Characteristics
+0.8
-1.0
LTS4.5MCB
Frequency(MHz)
0
10
20
30
40
50
60
3.9 4.1 4.3 4.5 4.7 4.9
Part
Number
Nominal
Center Frequency
(fo) (MHz)
3dB
Band Width
(kHz) min
20dB
Band Width
(kHz) max
Insert
Loss
(dB) max
Spurious
Attenuation
(0~fo) (dB) min
Input/Output
Impedance
(Ω)
LTS4.5MCB
4.500
fo±60
600
6.0
30
1000
LTS4.5MDB
4.500
fo±70
750
6.0
30
1000
LTS5.5MCB
5.500
fo±60
600
6.0
30
600
LTS5.5MDB
5.500
fo±80
750
6.0
30
600
LTS6.0MCB
6.000
fo±60
600
6.0
30
470
LTS6.0MDB
6.000
fo±80
750
6.0
30
470
LTS6.5MCB
6.500
fo±70
650
6.0
30
470
LTS6.5MDB
6.500
fo±80
800
6.0
30
470
10.0max
4.0max
0.5±0.1
0.3±0.1
2.5±0.3
2.5±0.3
L4.5C
Input
Ground
Output
TOKEN
20 of 46
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - LTCS10.7MS2TR

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
LTCS10.7MS2 YIC-LTCS10.7MS2 Datasheet
493Kb / 1P
   LTCS10.7 Ssries of ceramic filter SMD Type 10.7MHz
logo
Transko Electronics, In...
LTCS10.7MS2 TRANSKO-LTCS10.7MS2 Datasheet
361Kb / 2P
   CERAMIC FILTER (10.7MHz Series, SMD)
Rev 5: 07-31-2023
More results

Similar Description - LTCS10.7MS2TR

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LT4.5MB TOKEN-LT4.5MB Datasheet
321Kb / 3P
   LT MB Ceramic Filters for TV/VCR Stage
LTT4.5MA TOKEN-LTT4.5MA Datasheet
304Kb / 3P
   LTT MA Ceramic Filters for TV/VCR Stage
XT3.58MBP TOKEN-XT3.58MBP Datasheet
429Kb / 15P
   CERAMIC TRAP FILTERS Ceramic Trap For TV/VCR Stage
logo
Oscilent Corporation
760-0107-FP OSCILENT-760-0107-FP Datasheet
139Kb / 2P
   For TV / VCR
773-0065 OSCILENT-773-0065 Datasheet
140Kb / 2P
   For TV / VCR
753-4725M-A OSCILENT-753-4725M-A Datasheet
130Kb / 2P
   For TV / VCR
logo
Murata Manufacturing Co...
MKTGA30M0AALP00B05 MURATA-MKTGA30M0AALP00B05 Datasheet
102Kb / 4P
   Traps for TV/VCR
logo
Oscilent Corporation
752-0065 OSCILENT-752-0065 Datasheet
141Kb / 2P
   Trap For TV / VCR
772-0045 OSCILENT-772-0045 Datasheet
140Kb / 2P
   Ceramic Series For TV / VCR
753-39.5M-A OSCILENT-753-39.5M-A Datasheet
130Kb / 2P
   Ceramic Trap For TV/VCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com