Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTCS10.7MS2TR Datasheet(PDF) 18 Page - Token Electronics Industry Co., Ltd.

Part # LTCS10.7MS2TR
Description  Filters for FM ,TV/VCR Stage, Communication
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LTCS10.7MS2TR Datasheet(HTML) 18 Page - Token Electronics Industry Co., Ltd.

Back Button LTCS10.7MS2TR Datasheet HTML 14Page - Token Electronics Industry Co., Ltd. LTCS10.7MS2TR Datasheet HTML 15Page - Token Electronics Industry Co., Ltd. LTCS10.7MS2TR Datasheet HTML 16Page - Token Electronics Industry Co., Ltd. LTCS10.7MS2TR Datasheet HTML 17Page - Token Electronics Industry Co., Ltd. LTCS10.7MS2TR Datasheet HTML 18Page - Token Electronics Industry Co., Ltd. LTCS10.7MS2TR Datasheet HTML 19Page - Token Electronics Industry Co., Ltd. LTCS10.7MS2TR Datasheet HTML 20Page - Token Electronics Industry Co., Ltd. LTCS10.7MS2TR Datasheet HTML 21Page - Token Electronics Industry Co., Ltd. LTCS10.7MS2TR Datasheet HTML 22Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
LTT MA Ceramic Filters for TV/VCR Stage
High-Selectivity
Ceramic Filters
for TV/VCR Stage
High-Selectivity Ceramic Filter
for TV/VCR Stage Compatible Murata SFT
Preview
Token high-selectivity Ceramic filters for TV/VCR stage LTT MA series is 4 element devices that offer more
selectivity than the conventional LT series (Murata SFE). The improved spurious suppression of these filters
eliminates the need for cascading multiple filtering devices; therefore, it is possible to design a more compact
circuit board configuration.
Token High-Selectivity Filter LTT MA series conform to the RoHS directive. This high-selectivity device can be
customed designs and tighter tolerances available on request.
Application of ceramic filter specific designs also available including different piezo band-pass devices and Q
specifications adjusted to frequency requirements. Token ceramic filters can supply you high performance, high
quality and stability.
With dimensions (15±2.0 x 7.5±2.0 x 3.0±1.0 mm), Insert Loss max 9db and 10dB, Spurious Attenuation min
40dB and 50 db, and Input/Output Impedance 470Ω, 600Ω, 1000Ω, Nominal Center Frequency (fo) (MHz) of
LTT MA series is available 4.500MHz, 4.724MHz, 5.500MHz, 5.742MHz, 6.000MHz, 6.250MHz, 6.500MHz,
and 6.742MHz.
Custom parts are available on request. Token will also produce devices outside these specifications to meet
specific customer requirements, please contact our sales for more information.
TOKEN
16 of 46
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - LTCS10.7MS2TR

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
LTCS10.7MS2 YIC-LTCS10.7MS2 Datasheet
493Kb / 1P
   LTCS10.7 Ssries of ceramic filter SMD Type 10.7MHz
logo
Transko Electronics, In...
LTCS10.7MS2 TRANSKO-LTCS10.7MS2 Datasheet
361Kb / 2P
   CERAMIC FILTER (10.7MHz Series, SMD)
Rev 5: 07-31-2023
More results

Similar Description - LTCS10.7MS2TR

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LT4.5MB TOKEN-LT4.5MB Datasheet
321Kb / 3P
   LT MB Ceramic Filters for TV/VCR Stage
LTT4.5MA TOKEN-LTT4.5MA Datasheet
304Kb / 3P
   LTT MA Ceramic Filters for TV/VCR Stage
XT3.58MBP TOKEN-XT3.58MBP Datasheet
429Kb / 15P
   CERAMIC TRAP FILTERS Ceramic Trap For TV/VCR Stage
logo
Oscilent Corporation
760-0107-FP OSCILENT-760-0107-FP Datasheet
139Kb / 2P
   For TV / VCR
773-0065 OSCILENT-773-0065 Datasheet
140Kb / 2P
   For TV / VCR
753-4725M-A OSCILENT-753-4725M-A Datasheet
130Kb / 2P
   For TV / VCR
logo
Murata Manufacturing Co...
MKTGA30M0AALP00B05 MURATA-MKTGA30M0AALP00B05 Datasheet
102Kb / 4P
   Traps for TV/VCR
logo
Oscilent Corporation
752-0065 OSCILENT-752-0065 Datasheet
141Kb / 2P
   Trap For TV / VCR
772-0045 OSCILENT-772-0045 Datasheet
140Kb / 2P
   Ceramic Series For TV / VCR
753-39.5M-A OSCILENT-753-39.5M-A Datasheet
130Kb / 2P
   Ceramic Trap For TV/VCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com