Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9241WVM Datasheet(PDF) 4 Page - Xicor Inc.

Part # X9241WVM
Description  Quad E2POT??Nonvolatile Digital Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9241WVM Datasheet(HTML) 4 Page - Xicor Inc.

  X9241WVM Datasheet HTML 1Page - Xicor Inc. X9241WVM Datasheet HTML 2Page - Xicor Inc. X9241WVM Datasheet HTML 3Page - Xicor Inc. X9241WVM Datasheet HTML 4Page - Xicor Inc. X9241WVM Datasheet HTML 5Page - Xicor Inc. X9241WVM Datasheet HTML 6Page - Xicor Inc. X9241WVM Datasheet HTML 7Page - Xicor Inc. X9241WVM Datasheet HTML 8Page - Xicor Inc. X9241WVM Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
X9241
Instruction Structure
The next byte sent to the X9241 contains the instruction
and register pointer information. The four most signifi-
cant bits are the instruction. The next four bits point to
one of four pots and when applicable they point to one
of four associated registers. The format is shown below
in Figure 2.
action will be delayed tSTPWV. A transfer from WCR
current wiper position, to a data register is a write to
nonvolatile memory and takes a minimum of tWR to
complete. The transfer can occur between one of the
four potentiometers and one of its associated registers;
or it may occur globally, wherein the transfer occurs
between all four of the potentiometers and one of their
associated registers.
Four instructions require a three-byte sequence to
complete. These instructions transfer data between the
host and the X9241; either between the host and one of
the data registers or directly between the host and the
WCR. These instructions are: Read WCR, read the
current wiper position of the selected pot; Write WCR,
change current wiper position of the selected pot; Read
Data Register, read the contents of the selected non-
volatile register; Write Data Register, write a new value
to the selected data register. The sequence of opera-
tions is shown in Figure 4.
The Increment/Decrement command is different from
the other commands. Once the command is issued and
the X9241 has responded with an acknowledge, the
master can clock the selected wiper up and/or down in
one segment steps; thereby, providing a fine tuning
capability to the host. For each SCL clock pulse (tHIGH)
while SDA is HIGH, the selected wiper will move one
resistor segment towards the VH terminal. Similarly, for
each SCL clock pulse while SDA is LOW, the selected
wiper will move one resistor segment towards the VL
terminal. A detailed illustration of the sequence and
timing for this operation are shown in Figures 5 and 6
respectively.
Figure 3. Two-Byte Command Sequence
Figure 2. Instruction Byte Format
The four high order bits define the instruction. The next
two bits (P1 and P0) select which one of the four
potentiometers is to be affected by the instruction. The
last two bits (R1 and R0) select one of the four registers
that is to be acted upon when a register oriented instruc-
tion is issued.
Four of the nine instructions end with the transmission of
the instruction byte. The basic sequence is illustrated in
Figure 3. These two-byte instructions exchange data
between the WCR and one of the data registers. A
transfer from a data register to a WCR is essentially a
write to a static RAM. The response of the wiper to this
I1
3864 ILL F09.1
I2
I3
I0
P1
P0
R1
R0
POTENTIOMETER
SELECT
REGISTER
SELECT
INSTRUCTIONS
3864 ILL F10
S
T
A
R
T
0101
A3
A2
A1
A0
A
C
K
I3
I2
I1
I0
P1
P0
R1 R0
A
C
K
SCL
SDA
S
T
O
P


Similar Part No. - X9241WVM

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9241A INTERSIL-X9241A Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241A INTERSIL-X9241A Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241A INTERSIL-X9241A Datasheet
285Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241A INTERSIL-X9241A Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
More results

Similar Description - X9241WVM

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9314 XICOR-X9314 Datasheet
53Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9312 XICOR-X9312 Datasheet
50Kb / 9P
   E2POT??Nonvolatile Digital Potentiometer
X9C102 XICOR-X9C102 Datasheet
83Kb / 15P
   E2POT??Nonvolatile Digital Potentiometer
X9313 XICOR-X9313 Datasheet
50Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9221 XICOR-X9221 Datasheet
65Kb / 14P
   Dual E2POT??Nonvolatile Digital Potentiometer
logo
Analog Devices
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5123BCPZ100-RL7 AD-AD5123BCPZ100-RL7 Datasheet
642Kb / 28P
   Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
REV. A
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com