Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF457S30A Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # DF457S30A
Description  DF-B Dielectric Filters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DF457S30A Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  DF457S30A Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. DF457S30A Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. DF457S30A Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. DF457S30A Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. DF457S30A Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. DF457S30A Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. DF457S30A Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. DF457S30A Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. DF457S30A Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
04 of 19
DF-B Dielectric Filters
Dielectric Filters
(DF-B)
Token Dielectric Filter (DF-B)
has a Ripple in Band Width (dB) 0.5 max.
Preview
Token Dielectric Filter (DF-B) manufactures with a fine-grained, high density, high purity dielectric material to
keep the best performance with a ripple in band width (dB) 0.5 max.
The (DF-B) filter’s small size (8.5 x 6.0 x 3.0 mm) means they require more less mounting space. Available
Center Frequency 650 MHz to 916 MHz with V.S.W.R 1.5 max., insertion loss 2.0 ~ 5.0 (dB) max.
RF dielectric filters are mounted in a surface mount package which assures mechanical stability and excellent
lead coplanarity. RF filters can be customed designs and tighter tolerances available on request.
Products conform to the RoHS directive. Application of specific designs also available including different
Dielectric values and Q specifications adjusted to frequency requirements.
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - DF457S30A

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DF451 DYNEX-DF451 Datasheet
56Kb / 8P
   Fast Recovery Diode
DF451 DYNEX-DF451 Datasheet
211Kb / 7P
   Fast Recovery Diode
DF45106 DYNEX-DF45106 Datasheet
56Kb / 8P
   Fast Recovery Diode
DF45106 DYNEX-DF45106 Datasheet
211Kb / 7P
   Fast Recovery Diode
DF45108 DYNEX-DF45108 Datasheet
56Kb / 8P
   Fast Recovery Diode
More results

Similar Description - DF457S30A

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
DF2C820P20 AEL-DF2C820P20 Datasheet
124Kb / 1P
   Dielectric Devices Dielectric Filters (DF)
logo
TOKO, Inc
6DFA TOKO-6DFA Datasheet
110Kb / 1P
   Dielectric Filters
6DFC TOKO-6DFC Datasheet
102Kb / 1P
   Dielectric Filters
6DFSD TOKO-6DFSD Datasheet
136Kb / 1P
   Dielectric Filters
WDFM TOKO-WDFM Datasheet
152Kb / 1P
   Dielectric Waveguide Filters
logo
Raltron Electronics Cor...
RCFA1-836BP2 RALTRON-RCFA1-836BP2 Datasheet
138Kb / 7P
   Dielectric Ceramic Filters and Duplexers
logo
TOKO, Inc
4DFA TOKO-4DFA Datasheet
165Kb / 3P
   Dielectric Filters for Surface Mounting
logo
KEC(Korea Electronics)
DF06 KEC-DF06 Datasheet
21Kb / 1P
   DF PACKAGE
logo
List of Unclassifed Man...
DF2-DC ETC2-DF2-DC Datasheet
392Kb / 2P
   DF-RELAY
logo
Tyco Electronics
20ESB6 MACOM-20ESB6 Datasheet
179Kb / 4P
   High Performance B Series RFI Line Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com