Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4093 Datasheet(PDF) 2 Page - Schurter Inc.

Part No. 4093
Description  Appliance Outlet "F-Horizontal", Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4093 Datasheet(HTML) 2 Page - Schurter Inc.

  4093 Datasheet HTML 1Page - Schurter Inc. 4093 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image

Connectors (Inlets/Outlets)
4093
www.schurter.com/pg07
Connectors
Config. Code
ProductConfigurator
4093
|-|H|-|A|B|C|0-|D|-|E|G|
Thecharactersareplaceholdersforthecorrespondinglykeysofselectionsfromthekeytables.
4093
|-|H|-|A|B|C|0-|D|-|E|G| = Type
Type
Configuration
key
protection class 2
B
protection class 1
X
4093
|-|H|-|A|B|C|0-|D|-|E|G| = Terminals
Terminal L
Configuration
key
solder terminal
1
blade terminal (6,3x0,8mm)
9
4093
|-|H|-|A|B|C|0-|D|-|E|G| = Terminals
Terminal N
Configuration
key
solder terminal
1
blade terminal (6,3x0,8mm)
9
SymbolssimilarasintableA
4093
|-|H|-|A|B|C|0-|D|-|E|G| = Terminals
Terminal Ground
Configuration
key
without terminal
0
solder terminal
1
blade terminal (6,3x0,8mm)
9
SymbolssimilarasintableA
4093
|-|H|-|A|B|C|0-|D|-|E|G| = Color
Color
Configuration
key
jet black; RAL9005
A
silver grey; RAL7001
B
pure white; RAL9010
D
standardcolor:black
4093
|-|H|-|A|B|C|0-|D|-|E|G| = Style
Style
Configuration
key
snap-in (x=panel thickness)
4
4093
|-|H|-|A|B|C|0-|D|-|E|G| = Dimension X
Dimension "X"
Configuration
key
10
15
20
25
30
Thedimension"X"isdispalyedin(1/10mm).Thisinformationisalsovalidforthe
ordercode
Variants
Config. Code
Description
Order Number
4093-B-9900-A-415
4093, Connector , 70°C, version: 1 or 2, L: blade terminal (6,3x0,8mm), N: blade terminal (6,3x0,8mm), ground: without terminal,
color: jet black; RAL9005, design: snap-in (x=panel thickness), dimension X: 15
4311.0010
4093-X-1110-A-410
4093, Connector , 70°C, version: 1 or 2, L: solder terminal, N: solder terminal, ground: solder terminal, color: jet black; RAL9005,
design: snap-in (x=panel thickness), dimension X: 10
4311.0011
4093-X-9990-A-430
4093, Connector , 70°C, version: 1 or 2, L: blade terminal (6,3x0,8mm), N: blade terminal (6,3x0,8mm), ground: blade terminal
(6,3x0,8mm), color: jet black; RAL9005, design: snap-in (x=panel thickness), dimension X: 30
4311.0012
ThelistetvariantsshouldbeavailablefromstockOtherversionsonrequestwww.schurter.com/contact
Packaging unit
50Pcs
Mating Inlets/Plugs
Category / Description
Interconnection Cord Overview complete
Interconnection Cord with Plug "E-Horizontal", Straight
0409
Interconnection Cord with Plug "G-Horizontal", Straight
409B
Interconnection Cord further types to 4093
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 4093

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
4093B PHILIPS-4093B Datasheet
79Kb / 6P
   Quadruple 2-input NAND Schmitt trigger
January 1995
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz