Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4093 Datasheet(PDF) 1 Page - Schurter Inc.

Part No. 4093
Description  Appliance Outlet "F-Horizontal", Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4093 Datasheet(HTML) 1 Page - Schurter Inc.

  4093 Datasheet HTML 1Page - Schurter Inc. 4093 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Connectors (Inlets/Outlets)
4093
www.schurter.com/pg07
Connectors
Appliance Outlet "F-Horizontal", Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
70° C
Description
-PanelMount:
Snap-inversion,fromfrontside
-Connector,Pintemperature70°C,protectionclassIorII
-Solderterminalsorquickconnectterminals
Approvals
-VDELicenseNumber:40011090
-ULLicenseNumber:E57445
-CSALicenseNumber:27324
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
10A/250VAC;50Hz
RatingsUL/CSA
15A/250VAC;60Hz
DielectricStrength
>4kVACbetweenL-N
>2kVACbetweenL/N-PE
(1min/50Hz)
AllowableOperationTemp.
-25°Cto70°C
DegreeofProtection
fromfrontsideIP20acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1or2acc.toIEC61140
PanelThicknesss
Snap-in:1/1.5/2/2.5/3mm
Material:Housing
UL94V-0
Dimensions
35.3mm
32.5
35.3
32.3
25.7
3
+0.2
- 0
"X"
lenght of the terminal please find at the order code configuration table
Dimension "X" please ref. to table order code


Similar Part No. - 4093

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
4093B PHILIPS-4093B Datasheet
79Kb / 6P
   Quadruple 2-input NAND Schmitt trigger
January 1995
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz