Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4013 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 4013
Description  IEC Connector C13, Rewireable, Angled
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4013 Datasheet(HTML) 1 Page - Schurter Inc.

  4013 Datasheet HTML 1Page - Schurter Inc. 4013 Datasheet HTML 2Page - Schurter Inc. 4013 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

Cord Connectors (rewireable)
403
www.schurter.com/pg07b
Connectors
IEC Connector C13, Rewireable, Angled
C13
70° C
Description
-Connector:
Screwingcableterminal,Pintemperature70°C,Protectionclass
I,Cable
-Note:Pleaseorderpvcstrainreliefseperately,matingstrainreliefs
pleasefindunderaccessories.
Approvals
-VDELicenseNumber:40008187
-CSALicenseNumber:1612079
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
10A/250VAC;50Hz
RatingsUL/CSA
15A/250VAC;60Hz
DielectricStrength
>3kVACbetweenL-N
>1.5kVACbetweenL/N-PE
(1min/50Hz)
AllowableOperationTemp.
-25°Cto70°C
DegreeofProtection
fromfrontsideIP20acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
ScrewClamp
Material:Housing
UL94V-0
Connector
C13acc.toIEC/EN60320-2-2
UL498,CSAC22.2no.42(forcold
conditions)pin-temperature70°C,10A,
ProtectionClass1
Dimensions
39.7mm
22
20
26
49


Similar Part No. - 4013

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4013 SCHURTER-4013 Datasheet
233Kb / 3P
   IEC Connector C13, Rewireable, Angled
05.12.2014
logo
Heyco.
4013 HEYCO-4013 Datasheet
95Kb / 1P
   EPDM Snap-In Liquid Tight Bushings
logo
Extech Instruments Corp...
40130 EXTECH-40130 Datasheet
272Kb / 1P
   AC Voltage Detector
40130 EXTECH-40130_15 Datasheet
272Kb / 1P
   AC Voltage Detector
logo
Fluke Corporation
4013990 FLUKE-4013990 Datasheet
289Kb / 8P
   Digital Multimeters Extended Specifications
November 2011
More results

Similar Description - 4013

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4300-06 SCHURTER-4300-06 Datasheet
355Kb / 2P
   IEC Connector C13, Rewireable, Angled
4012 SCHURTER-4012 Datasheet
445Kb / 3P
   IEC Connector C13, Rewireable, Angled
4300-06 SCHURTER-4300-06_18 Datasheet
291Kb / 3P
   IEC Connector C13, Rewireable, Angled
4785 SCHURTER-4785_V01 Datasheet
332Kb / 4P
   IEC Connector C13, Rewireable, Angled
10.12.2021
4013 SCHURTER-4013_V01 Datasheet
233Kb / 3P
   IEC Connector C13, Rewireable, Angled
05.12.2014
4012 SCHURTER-4012_V01 Datasheet
347Kb / 4P
   IEC Connector C13, Rewireable, Angled
29.01.2021
4021 SCHURTER-4021 Datasheet
239Kb / 3P
   IEC Connector C13, Rewireable, Angled
4785 SCHURTER-4785 Datasheet
344Kb / 2P
   IEC Connector C13, Rewireable, Angled
4012 SCHURTER-4012_18 Datasheet
327Kb / 4P
   IEC Connector C13, Rewireable, Angled
4785 SCHURTER-4785_18 Datasheet
294Kb / 3P
   IEC Connector C13, Rewireable, Angled
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com