Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2562-H-ABC0-D-E Datasheet(PDF) 2 Page - Schurter Inc.

Part # 2562-H-ABC0-D-E
Description  IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

2562-H-ABC0-D-E Datasheet(HTML) 2 Page - Schurter Inc.

  2562-H-ABC0-D-E Datasheet HTML 1Page - Schurter Inc. 2562-H-ABC0-D-E Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Connectors (Inlets/Outlets)
2562
www.schurter.com/pg07
Connectors
Config. Code
ProductConfigurator
2562
|-|H|-|A|B|C|0-|D|-|E|
Thecharactersareplaceholdersforthecorrespondinglykeysofselectionsfromthekeytables.
2562
|-|H|-|A|B|C|0-|D|-|E| = Type
Type
Configuration
key
protection class 1
X
2562
|-|H|-|A|B|C|0-|D|-|E| = Terminals
Terminal L
Configuration
key
short solder terminal (L=4,8mm)
2
long solder terminal (L=8,5mm)
3
PCB-terminal (standard)
4
blade terminal (2,8x0,8mm)
7
2562
|-|H|-|A|B|C|0-|D|-|E| = Terminals
Terminal N
Configuration
key
short solder terminal (L=4,8mm)
2
long solder terminal (L=8,5mm)
3
PCB-terminal (standard)
4
blade terminal (2,8x0,8mm)
7
SymbolssimilarasintableA
2562
|-|H|-|A|B|C|0-|D|-|E| = Terminals
Terminal Ground
Configuration
key
PCB-terminal (standard)
4
blade terminal (2,8x0,8mm)
7
SymbolssimilarasintableA
2562
|-|H|-|A|B|C|0-|D|-|E| = Color
Color
Configuration
key
jet black; RAL9005
A
silver grey; RAL7001
B
pure white; RAL9010
D
standardcolor:black
2562
|-|H|-|A|B|C|0-|D|-|E| = Style
Style
Configuration
key
flange with through holes
2
Variants
Config. Code
Description
Order Number
2562--4440-A-2
2562, IEC Appliance Inlet C6, 70°C, version: 1, L: PCB-terminal (standard), N: PCB-terminal (standard), ground: PCB-terminal (stan-
dard), color: jet black; RAL9005, design: flange with through holes
6160.0002
ThelistetvariantsshouldbeavailablefromstockOtherversionsonrequestwww.schurter.com/contact
Packaging unit
50Pcs
Mating Outlets/Connectors
Category / Description
Power Cord Overview complete
Power Cord with IEC Connector C5, Angled
2512
Power Cord with IEC Connector C5, Straight
2530
Power Cord further types to 2562
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 2562-H-ABC0-D-E

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2562-H-ABC0-D-E SCHURTER-2562-H-ABC0-D-E Datasheet
248Kb / 4P
   IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
More results

Similar Description - 2562-H-ABC0-D-E

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2562 SCHURTER-2562_18 Datasheet
248Kb / 4P
   IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
2561_1809 SCHURTER-2561_1809 Datasheet
318Kb / 4P
   IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
2562 SCHURTER-2562_21 Datasheet
242Kb / 4P
   IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
2562 SCHURTER-2562_V01 Datasheet
243Kb / 4P
   IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
05.01.2022
2562_1809 SCHURTER-2562_1809 Datasheet
257Kb / 4P
   IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
2561 SCHURTER-2561 Datasheet
330Kb / 2P
   IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
2561 SCHURTER-2561_18 Datasheet
309Kb / 4P
   IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
2561 SCHURTER-2561_21 Datasheet
309Kb / 4P
   IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
2561 SCHURTER-2561_V01 Datasheet
310Kb / 4P
   IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
05.01.2022
2563 SCHURTER-2563_V01 Datasheet
317Kb / 4P
   IEC Appliance Inlet C6, insert Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
05.01.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com