Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9C103SI Datasheet(PDF) 3 Page - Xicor Inc.

Part # X9C103SI
Description  E2POT??Nonvolatile Digital Potentiometer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9C103SI Datasheet(HTML) 3 Page - Xicor Inc.

  X9C103SI Datasheet HTML 1Page - Xicor Inc. X9C103SI Datasheet HTML 2Page - Xicor Inc. X9C103SI Datasheet HTML 3Page - Xicor Inc. X9C103SI Datasheet HTML 4Page - Xicor Inc. X9C103SI Datasheet HTML 5Page - Xicor Inc. X9C103SI Datasheet HTML 6Page - Xicor Inc. X9C103SI Datasheet HTML 7Page - Xicor Inc. X9C103SI Datasheet HTML 8Page - Xicor Inc. X9C103SI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
X9C102/103/104/503
3
DEVICE OPERATION
There are three sections of the X9C102/103/104/503:
the input control, counter and decode section; the non-
volatile memory; and the resistor array. The input control
section operates just like an up/down counter. The
output of this counter is decoded to turn on a single
electronic switch connecting a point on the resistor array
to the wiper output. Under the proper conditions the
contents of the counter can be stored in nonvolatile
memory and retained for future use. The resistor array
is comprised of 99 individual resistors connected in
series. At either end of the array and between each
resistor is an electronic switch that transfers the
potential at that point to the wiper.
The
INC, U/D and CS inputs control the movement of the
wiper along the resistor array. With
CS set LOW the
X9C102/103/104/503 is selected and enabled to
respond to the U/
D and INC inputs. HIGH to LOW
transitions on
INC will increment or decrement
(depending on the state of the U/
D input) a seven-bit
counter. The output of this counter is decoded to
select one of one-hundred wiper positions along the
resistive array.
The wiper, when at either fixed terminal, acts like its
mechanical equivalent and does not move beyond the
last position. That is, the counter does not wrap around
when clocked to either extreme.
The value of the counter is stored in nonvolatile memory
whenever
CS transistions HIGH while the INC input is
also HIGH.
When the X9C102/103/104/503 is powered-down, the
last counter position stored will be maintained in the
nonvolatile memory. When power is restored, the con-
tents of the memory are recalled and the counter is reset
to the value last stored.
OPERATION NOTES
The system may select the X9C102/103/104/503, move
the wiper, and deselect the device without having to
store the latest wiper, position in nonvolatile memory.
The wiper movement is performed as described above;
once the new position is reached, the system would the
keep
INC LOW while taking CS HIGH. The new wiper
position would be maintained until changed by the
system or until a power-down/up cycle recalled the
previously stored data.
This would allow the system to always power-up to a
preset value stored in nonvolatile memory; then during
system operation minor adjustments could be made.
The adjustments might be based on user preference:
system parameter changes due to temperature drift,
etc...
The state of U/
D may be changed while CS remains
LOW. This allows the host system to enable the
X9C102/103/104/503 and then move the wiper up and
down until the proper trim is attained.
TIW/RTOTAL
The electronic switches on the X9C102/103/104/503
operate in a “make before break” mode when the wiper
changes tap positions. If the wiper is moved several
positions, multiple taps are connected to the wiper for
tIW (INC to VW change). The RTOTAL value for the device
can temporarily be reduced by a significant amount
if the wiper is moved several positions.
RTOTAL with VCC Removed
The end to end resistance of the array will fluctuate once
VCC is removed.
SYMBOL TABLE
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance


Similar Part No. - X9C103SI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C103SI INTERSIL-X9C103SI Datasheet
257Kb / 11P
   Digitally Controlled Pot (XDCP)
X9C103SI INTERSIL-X9C103SI Datasheet
248Kb / 11P
   Digitally Controlled Potentiometer
X9C103SI INTERSIL-X9C103SI Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C103SI INTERSIL-X9C103SI Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C103SI INTERSIL-X9C103SI Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9C103SI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9314 XICOR-X9314 Datasheet
53Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9312 XICOR-X9312 Datasheet
50Kb / 9P
   E2POT??Nonvolatile Digital Potentiometer
X9313 XICOR-X9313 Datasheet
50Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9241 XICOR-X9241 Datasheet
76Kb / 16P
   Quad E2POT??Nonvolatile Digital Potentiometer
X9221 XICOR-X9221 Datasheet
65Kb / 14P
   Dual E2POT??Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
logo
Xicor Inc.
X9316 XICOR-X9316 Datasheet
68Kb / 12P
   E 2 POT??Nonvolatile Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com