Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XM28C040PI-25 Datasheet(PDF) 4 Page - Xicor Inc.

Part # XM28C040PI-25
Description  High Density 5 Volt Byte Alterable Nonvolatile Memory Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

XM28C040PI-25 Datasheet(HTML) 4 Page - Xicor Inc.

  XM28C040PI-25 Datasheet HTML 1Page - Xicor Inc. XM28C040PI-25 Datasheet HTML 2Page - Xicor Inc. XM28C040PI-25 Datasheet HTML 3Page - Xicor Inc. XM28C040PI-25 Datasheet HTML 4Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
XM28C040P
4
ORDERING INFORMATION
XM28C040P X
X
Devices
Access Time
15 = 150ns
20 = 200ns
25 = 250ns
Temperature Range
Blank = Commercial = 0
°C to +70°C
I = Industrial = –40
°C to +85°C
M = Military = –55
°C to +125°C
P = 66 Pin PUMA Module
LIMITED WARRANTY
Devices sold by Xicor, Inc. are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. Xicor, Inc. makes no warranty,
express, statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the described devices from patent infringement.
Xicor, Inc. makes no warranty of merchantability or fitness for any purpose. Xicor, Inc. reserves the right to discontinue production and change specifications and
prices at any time and without notice.
Xicor, Inc. assumes no responsibility for the use of any circuitry other than circuitry embodied in a Xicor, Inc. product. No other circuits, patents, licenses are implied.
U.S. PATENTS
Xicor products are covered by one or more of the following U.S. Patents: 4,263,664; 4,274,012; 4,300,212; 4,314,265; 4,326,134; 4,393,481; 4,404,475; 4,450,402;
4,486,769; 4,488,060; 4,520,461; 4,533,846; 4,599,706; 4,617,652; 4,668,932; 4,752,912; 4,829, 482; 4,874, 967; 4,883, 976. Foreign patents and additional pat-
ents pending.
LIFE RELATED POLICY
In situations where semiconductor component failure may endanger life, system designers using this product should design the system with appropriate error detec-
tion and correction, redundancy and back-up features to prevent such an occurrence.
Xicor's products are not authorized for use in critical components in life support devices or systems
1.
Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose fail-
ure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the
user.
2.
A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life
support device or system, or to affect its safety or effectiveness.


Similar Part No. - XM28C040PI-25

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
XM28C040-20 XICOR-XM28C040-20 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
XM28C040-25 XICOR-XM28C040-25 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
XM28C040I XICOR-XM28C040I Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
XM28C040I-20 XICOR-XM28C040I-20 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
More results

Similar Description - XM28C040PI-25

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
XM28C010P XICOR-XM28C010P Datasheet
25Kb / 3P
   High Speed 5 Volt Byte Alterable Nonvolatile Memory Array
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
logo
Xicor Inc.
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
   5 Volt, Byte Alterable E2PROM
X2804C XICOR-X2804C Datasheet
54Kb / 13P
   5 Volt, Byte Alterable E2PROM
X2816C XICOR-X2816C Datasheet
72Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C512 XICOR-X28C512 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com