Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9241MSI Datasheet(PDF) 10 Page - Xicor Inc.

Part # X9241MSI
Description  Quad E2POT??Nonvolatile Digital Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9241MSI Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X9241MSI Datasheet HTML 6Page - Xicor Inc. X9241MSI Datasheet HTML 7Page - Xicor Inc. X9241MSI Datasheet HTML 8Page - Xicor Inc. X9241MSI Datasheet HTML 9Page - Xicor Inc. X9241MSI Datasheet HTML 10Page - Xicor Inc. X9241MSI Datasheet HTML 11Page - Xicor Inc. X9241MSI Datasheet HTML 12Page - Xicor Inc. X9241MSI Datasheet HTML 13Page - Xicor Inc. X9241MSI Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
X9241
Guidelines for Calculating
Typical Values of Bus Pull-Up Resistors
CAPACITANCE
Symbol
Parameter
Max.
Units
Test Conditions
CI/O(5)
Input/Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN(5)
Input Capacitance (A0, A1, A2, A3 and SCL)
6
pF
VIN = 0V
3864 PGM T08
POWER-UP TIMING
Symbol
Parameter
Max.
Units
tPUR(6)
Power-up to Initiation of Read Operation
1
ms
tPUW(6)
Power-up to Initiation of Write Operation
5
ms
3864 PGM T09
A.C. CONDITIONS OF TEST
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and
Fall Times
10ns
Input and Output
Timing Levels
VCC x 0.5
3864 PGM T10
EQUIVALENT A.C. TEST CIRCUIT
Notes: (5) This parameter is periodically sampled and not 100%
tested.
(6) tPUR and tPUW are the delays required from the time
VCC is stable until the specified operation can be
initiated. These parameters are periodically sampled
and not 100% tested.
3864 ILL F02.1
5V
1533
100pF
SDA OUTPUT
3864 ILL F17
120
100
80
40
60
20
20
40
60
80 100 120
0
0
BUS CAPACITANCE (pF)
MIN.
RESISTANCE
MAX.
RESISTANCE
RMAX =
CBUS
tR
RMIN =
IOL MIN
VCC MAX
=1.8K
SYMBOL TABLE
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
ENDURANCE AND DATA RETENTION
Parameter
Min.
Units
Minimum Endurance
100,000
Data Changes per Register
Data Retention
100
Years
3864 PGM T07.2


Similar Part No. - X9241MSI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9241A INTERSIL-X9241A Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241A INTERSIL-X9241A Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241A INTERSIL-X9241A Datasheet
285Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241A INTERSIL-X9241A Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
More results

Similar Description - X9241MSI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9314 XICOR-X9314 Datasheet
53Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9312 XICOR-X9312 Datasheet
50Kb / 9P
   E2POT??Nonvolatile Digital Potentiometer
X9C102 XICOR-X9C102 Datasheet
83Kb / 15P
   E2POT??Nonvolatile Digital Potentiometer
X9313 XICOR-X9313 Datasheet
50Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9221 XICOR-X9221 Datasheet
65Kb / 14P
   Dual E2POT??Nonvolatile Digital Potentiometer
logo
Analog Devices
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5123BCPZ100-RL7 AD-AD5123BCPZ100-RL7 Datasheet
642Kb / 28P
   Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
REV. A
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com