Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9241USI Datasheet(PDF) 9 Page - Xicor Inc.

Part # X9241USI
Description  Quad E2POT??Nonvolatile Digital Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9241USI Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X9241USI Datasheet HTML 5Page - Xicor Inc. X9241USI Datasheet HTML 6Page - Xicor Inc. X9241USI Datasheet HTML 7Page - Xicor Inc. X9241USI Datasheet HTML 8Page - Xicor Inc. X9241USI Datasheet HTML 9Page - Xicor Inc. X9241USI Datasheet HTML 10Page - Xicor Inc. X9241USI Datasheet HTML 11Page - Xicor Inc. X9241USI Datasheet HTML 12Page - Xicor Inc. X9241USI Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
X9241
9
Notes: (1) Absolute Linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper
position when used as a potentiometer.
(2) Relative Linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a
potentiometer. It is a measure of the error in step size.
(3) MI = RTOT/63 or (VH – VL)/63, single pot
(4) Max. = all four arrays cascaded together, Typical = individual array resolutions.
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias .................. –65
°C to +135°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on SCK, SCL or any Address Input
with Respect to VSS ................................... –1V to +7V
Voltage on any VH or VL Referenced to VSS ......... ±8V
∆V = |VH–VL|......................................................... 16V
Lead Temperature (Soldering, 10 seconds) ...... 300
°C
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
Military
–55
°C
+125
°C
3864 PGM T03
Supply Voltage
Limits
X9241
5V
±10%
3864 PGM T04.1
ANALOG CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.)
Limits
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
RTOTAL End to End Resistance
–20
+20
%
Power Rating
50
mW
25
°C, each pot
IW
Wiper Current
–1
+1
mA
RW
Wiper Resistance
40
100
Wiper Current =
± 1mA
VTERM
Voltage on any VH or
–5
+5
V
or VL Pin
Noise
≤120
dB/
Ref: 1V
Resolution (4)
1.6
0.4
%
Absolute Linearity (1)
–1
+1
MI(3)
Vw(n)(actual) – Vw(n)(expected)
Relative Linearity (2)
–0.2
+0.2
MI(3)
Vw(n + 1) – [Vw(n) + MI]
Temperature Coefficient
±300
ppm/
°C
3864 PGM T05.2
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.)
Limits
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
lCC
Supply Current (Active)
3
mA
fSCL = 100KHz, SDA = Open,
Other Inputs = VSS
ISB
VCC Current (Standby)
200
500
µA
SCL=SDA=VCC, Addr. = VSS
ILI
Input Leakage Current
10
µAVIN = VSS to VCC
ILO
Output Leakage Current
10
µAVOUT = VSS to VCC
VIH
Input HIGH Voltage
2
VCC + 1
V
VIL
Input LOW Voltage
–1
0.8
V
VOL
Output LOW Voltage
0.4
V
IOL = 3mA
3864 PGM T06.3


Similar Part No. - X9241USI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9241A INTERSIL-X9241A Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241A INTERSIL-X9241A Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241A INTERSIL-X9241A Datasheet
285Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241A INTERSIL-X9241A Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
More results

Similar Description - X9241USI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9314 XICOR-X9314 Datasheet
53Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9312 XICOR-X9312 Datasheet
50Kb / 9P
   E2POT??Nonvolatile Digital Potentiometer
X9C102 XICOR-X9C102 Datasheet
83Kb / 15P
   E2POT??Nonvolatile Digital Potentiometer
X9313 XICOR-X9313 Datasheet
50Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9221 XICOR-X9221 Datasheet
65Kb / 14P
   Dual E2POT??Nonvolatile Digital Potentiometer
logo
Analog Devices
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5123BCPZ100-RL7 AD-AD5123BCPZ100-RL7 Datasheet
642Kb / 28P
   Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
REV. A
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com