Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM9916J Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SSM9916J
Description  N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM9916J Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SSM9916J Datasheet HTML 1Page - Silicon Standard Corp. SSM9916J Datasheet HTML 2Page - Silicon Standard Corp. SSM9916J Datasheet HTML 3Page - Silicon Standard Corp. SSM9916J Datasheet HTML 4Page - Silicon Standard Corp. SSM9916J Datasheet HTML 5Page - Silicon Standard Corp. SSM9916J Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.SiliconStandard.com
5 of 6
SSM9916H,J
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
Fig 11. Forward Characteristic of
Fig 12. Gate Threshold Voltage vs.
Reverse Diode
Junction Temperature
0.2
0.45
0.7
0.95
1.2
-50
0
50
100
150
T j , Junction Temperature (
o C )
0.01
0.1
1
10
100
0
0.4
0.8
1.2
1.6
V SD (V)
T j =25
o C
T j =150
o C
10
100
1000
1
5
9
1317
2125
V DS (V)
f=1.0MHz
Ciss
Coss
Crss
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
30
35
40
45
Q G , Total Gate Charge (nC)
I D =18A
V DS =15V
V DS =18V
V DS =10V
Rev.2.02 1/29/2004


Similar Part No. - SSM9916J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSM9916J ETC1-SSM9916J Datasheet
407Kb / 6P
   N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
More results

Similar Description - SSM9916J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com