Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM9585GM Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SSM9585GM
Description  P-channel Enhancement-mode Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM9585GM Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SSM9585GM Datasheet HTML 1Page - Silicon Standard Corp. SSM9585GM Datasheet HTML 2Page - Silicon Standard Corp. SSM9585GM Datasheet HTML 3Page - Silicon Standard Corp. SSM9585GM Datasheet HTML 4Page - Silicon Standard Corp. SSM9585GM Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.SiliconStandard.com
2 of 5
3/21/2005 Rev.2.01
ELECTRICAL CHARACTERISTICS (at Tj = 25°C, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250uA
-80
-
-
V
BV
DSS/
Tj
Breakdown Voltage Temperature Coefficient
Reference to 25°C, ID=-1mA
-
-0.07
-
V/°C
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=-10V, ID=-2.7A
-
-
180
m
VGS=-4.5V, ID=-2.5A
-
-
200
m
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250uA
-1
-
-3
V
gfs
Forward Transconductance
VDS=-10V, ID=-2.7A
-
5
-
S
IDSS
Drain-Source Leakage Current (Tj=25
oC)
VDS=-80V, VGS=0V
-
-
-1
uA
Drain-Source Leakage Current (Tj=70
oC)
VDS=-64V, VGS=0V
-
-
-25
uA
IGSS
Gate-Source Leakage
VGS=±25V
-
-
nA
Qg
Total Gate Charge
2
ID=-2.7A
-
18
28
nC
Qgs
Gate-Source Charge
VDS=-64V
-
5
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=-4.5V
-
7
-
nC
td(on)
Turn-on Delay Time
2
VDS=-40V
-
10
-
ns
tr
Rise Time
ID=-1A
-
6
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω , VGS=-10V
-
67
-
ns
tf
Fall Time
RD=40Ω
30
-
ns
Ciss
Input Capacitance
VGS=0V
-
1790
2860
pF
Coss
Output Capacitance
VDS=-25V
-
140
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
98
-
pF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VSD
Forward On Voltage
2
IS=-2A, VGS=0V
-
-
-1.2
V
t
rr
Reverse Recovery Time
2
IS=-2.7A, VGS=0V,
-
80
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
320
-
nC
Notes:
1.Pulse width limited by maximum junction temperature.
2.Pulse width <300us, duty cycle <2%.
3.Surface-mounted on 1 in
2 copper pad on FR4 board; 125°C/W when mounted on minimum copper pad.
±100
SSM9585GM
SOURCE-DRAIN DIODE


Similar Part No. - SSM9585GM

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SSM9510GM SSC-SSM9510GM Datasheet
436Kb / 8P
   N- and P-channel Enhancement-mode Power MOSFETs
logo
SeCoS Halbleitertechnol...
SSM9563 SECOS-SSM9563 Datasheet
1Mb / 4P
   P-Channel Enhancement Mode Power Mos.FET
logo
Silicon Standard Corp.
SSM9563GM SSC-SSM9563GM Datasheet
531Kb / 5P
   P-channel Enhancement-mode Power MOSFET
logo
VBsemi Electronics Co.,...
SSM9563GM VBSEMI-SSM9563GM Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
SSM9563M VBSEMI-SSM9563M Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
More results

Similar Description - SSM9585GM

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com