Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9C102S Datasheet(PDF) 10 Page - Xicor Inc.

Part # X9C102S
Description  E2POT??Nonvolatile Digital Potentiometer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9C102S Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X9C102S Datasheet HTML 6Page - Xicor Inc. X9C102S Datasheet HTML 7Page - Xicor Inc. X9C102S Datasheet HTML 8Page - Xicor Inc. X9C102S Datasheet HTML 9Page - Xicor Inc. X9C102S Datasheet HTML 10Page - Xicor Inc. X9C102S Datasheet HTML 11Page - Xicor Inc. X9C102S Datasheet HTML 12Page - Xicor Inc. X9C102S Datasheet HTML 13Page - Xicor Inc. X9C102S Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
X9C102/103/104/503
10
Typical Frequency Response for X9C503
Typical Total Harmonic Distortion for X9C503
TEST CONDITIONS
VCC = 5V
Temp. = 25
°C
Wiper @ Tap 50
VH = 2VRMS
Test Circuit #1
TEST CONDITIONS
VCC = 5V
Temp. = 25
°C
Wiper @ Tap 50
VH = 0.5VRMS
Normalized (0dB @ 1 KHz)
Test Circuit #1
9
6
3
0
-3
-6
-9
-12
-15
-18
-21
0.01
0.10
1.00
10.00
100.00
FREQUENCY IN KHz
1000.00
9
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
0.01
0.10
1.00
10.00
100.00
FREQUENCY IN KHz
1000.00
3863 FHD F12
3863 FHD F13


Similar Part No. - X9C102S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C102S INTERSIL-X9C102S Datasheet
257Kb / 11P
   Digitally Controlled Pot (XDCP)
X9C102S INTERSIL-X9C102S Datasheet
248Kb / 11P
   Digitally Controlled Potentiometer
X9C102S INTERSIL-X9C102S Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C102S INTERSIL-X9C102S Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C102S INTERSIL-X9C102S Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9C102S

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9314 XICOR-X9314 Datasheet
53Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9312 XICOR-X9312 Datasheet
50Kb / 9P
   E2POT??Nonvolatile Digital Potentiometer
X9313 XICOR-X9313 Datasheet
50Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9241 XICOR-X9241 Datasheet
76Kb / 16P
   Quad E2POT??Nonvolatile Digital Potentiometer
X9221 XICOR-X9221 Datasheet
65Kb / 14P
   Dual E2POT??Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
logo
Xicor Inc.
X9316 XICOR-X9316 Datasheet
68Kb / 12P
   E 2 POT??Nonvolatile Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com