Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X40015S8I-A Datasheet(PDF) 19 Page - Xicor Inc.

Part # X40015S8I-A
Description  Dual Voltage Monitor with Integrated CPU Supervisor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X40015S8I-A Datasheet(HTML) 19 Page - Xicor Inc.

Back Button X40015S8I-A Datasheet HTML 15Page - Xicor Inc. X40015S8I-A Datasheet HTML 16Page - Xicor Inc. X40015S8I-A Datasheet HTML 17Page - Xicor Inc. X40015S8I-A Datasheet HTML 18Page - Xicor Inc. X40015S8I-A Datasheet HTML 19Page - Xicor Inc. X40015S8I-A Datasheet HTML 20Page - Xicor Inc. X40015S8I-A Datasheet HTML 21Page - Xicor Inc. X40015S8I-A Datasheet HTML 22Page - Xicor Inc. X40015S8I-A Datasheet HTML 23Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
X40010/X40011/X40014/X40015 – Preliminary
Characteristics subject to change without notice.
19 of 25
REV 1.3.4 7/12/02
www.xicor.com
RESET/RESET Timings
LOW VOLTAGE AND WATCHDOG TIMING PARAMETERS
Notes: (1) VCC = 5V at 25°C.
(2) Values based on characterization data only.
Symbol
Parameters
Min.
Typ.(1)
Max.
Unit
tRPD1
(2)
VTRIP1 to RESET/RESET (Power down only)
5
µs
tRPDX
(2)
VTRIP2 to V2FAIL
5µs
tPURST
Power On Reset delay:
PUP1=0, PUP0=0
PUP1=0, PUP0=1 (factory setting)
PUP1=1, PUP0=0
PUP1=1, PUP0=1
50
200(2)
400(2)
800(2)
ms
ms
ms
ms
tF
VCC, V2MON, Fall Time
20
mV
/µs
tR
VCC, V2MON, Rise Time
20
mV
/µs
VRVALID
Reset Valid VCC
1V
tWDO
Watchdog Timer Period:
WD1=0, WD0=0
WD1=0, WD0=1
WD1=1, WD0=0
WD1=1, WD0=1 (factory setting)
1.4(2)
200(2)
25
OFF
s
ms
ms
tRST1
Watchdog Reset Time Out Delay
WD1=0, WD0=0
WD1=0, WD0=1
100
200
300
ms
tRST2
Watchdog Reset Time Out Delay WD1=1, WD0=0
12.5
25
37.5
ms
tRSP
Watchdog timer restart pulse width
1
µs
VCC
VTRIP1
RESET
RESET
tPURST
tPURST
tR
tF
tRPD1
VRVALID


Similar Part No. - X40015S8I-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X40015S8I-A RENESAS-X40015S8I-A Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results

Similar Description - X40015S8I-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Intersil Corporation
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40410 INTERSIL-X40410 Datasheet
363Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
X40010 INTERSIL-X40010 Datasheet
372Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
logo
Xicor Inc.
X40420 XICOR-X40420 Datasheet
156Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com