Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM4532GM Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SSM4532GM
Description  N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM4532GM Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SSM4532GM Datasheet HTML 1Page - Silicon Standard Corp. SSM4532GM Datasheet HTML 2Page - Silicon Standard Corp. SSM4532GM Datasheet HTML 3Page - Silicon Standard Corp. SSM4532GM Datasheet HTML 4Page - Silicon Standard Corp. SSM4532GM Datasheet HTML 5Page - Silicon Standard Corp. SSM4532GM Datasheet HTML 6Page - Silicon Standard Corp. SSM4532GM Datasheet HTML 7Page - Silicon Standard Corp. SSM4532GM Datasheet HTML 8Page - Silicon Standard Corp. SSM4532GM Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
08/17/2007 Rev.1.00
www.SiliconStandard.com
2
SSM4532GM
N-CH ELECTRICAL CHARACTERISTICS
@Tj=25oC (unless otherwise specified)
Symbol
Parameter
Test Conditions
Min. Typ. Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
30
-
-
V
ΔBV
DSS/ΔTj
Breakdown Voltage Temperature Coefficient
Reference to 25℃, ID=1mA
-
0.037
-V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V, ID=5A
-
-
50
VGS=4.5V, ID=4.2A
-
-
70
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
1
-
3
V
gfs
Forward Transconductance
VDS=10V, ID=5A
-
8
-
S
IDSS
Drain-Source Leakage Current (Tj=25
oC)
VDS=30V, VGS=0V
-
-
1
uA
Drain-Source Leakage Current (Tj=70
oC)
VDS=24V, VGS=0V
-
-
25
uA
IGSS
Gate-Source Leakage
VGS=±20V
-
-
nA
Qg
Total Gate Charge
2
ID=5A
-
10.2
-
nC
Qgs
Gate-Source Charge
VDS=10V
-
1.2
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=10V
-
3.4
-
nC
td(on)
Turn-on Delay Time
2
VDS=10V
-
6
-
ns
tr
Rise Time
ID=1A
-
9
-
ns
td(off)
Turn-off Delay Time
RG=6Ω,VGS=10V
-
15
-
ns
tf
Fall Time
RD=10Ω
-
5.5
-
ns
Ciss
Input Capacitance
VGS=0V
-
240
-
pF
Coss
Output Capacitance
VDS=25V
-
145
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
55
-
pF
SOURCE-DRAIN DIODE
Symbol
Parameter
Test Conditions
Min. Typ. Max. Units
IS
Continuous Source Current ( Body Diode )
VD=VG=0V , VS=1.2V
-
-
1.7
A
VSD
Forward On Voltage
2
Tj=25℃, IS=1.7A, VGS=0V
-
-
1.2
V
±100


Similar Part No. - SSM4532GM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSM4532M ETC1-SSM4532M Datasheet
199Kb / 11P
   COMPLEMENTARY N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Silicon Standard Corp.
SSM4532M SSC-SSM4532M Datasheet
204Kb / 11P
   COMPLEMENTARY N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
More results

Similar Description - SSM4532GM

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2531GY A-POWER-AP2531GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4503 JIANGSU-CJQ4503 Datasheet
5Mb / 6P
   N-and P-Channel Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTC3588N6 CYSTEKEC-MTC3588N6_16 Datasheet
856Kb / 12P
   N- And P-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4501GSD A-POWER-AP4501GSD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4511GD A-POWER-AP4511GD Datasheet
155Kb / 8P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4569GD A-POWER-AP4569GD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com