Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9C503 Datasheet(PDF) 4 Page - Xicor Inc.

Part # X9C503
Description  E2POT??Nonvolatile Digital Potentiometer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9C503 Datasheet(HTML) 4 Page - Xicor Inc.

  X9C503 Datasheet HTML 1Page - Xicor Inc. X9C503 Datasheet HTML 2Page - Xicor Inc. X9C503 Datasheet HTML 3Page - Xicor Inc. X9C503 Datasheet HTML 4Page - Xicor Inc. X9C503 Datasheet HTML 5Page - Xicor Inc. X9C503 Datasheet HTML 6Page - Xicor Inc. X9C503 Datasheet HTML 7Page - Xicor Inc. X9C503 Datasheet HTML 8Page - Xicor Inc. X9C503 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
X9C102/103/104/503
4
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias .................. –65
°C to +135°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on
CS, INC, U/D and VCC
with Respect to VSS ............................... –1V to +7V
Voltage on VH and VL
Referenced to VSS ................................. –8V to +8V
∆V = |VH–VL|
X9C102 ............................................................. 4V
X9C103, X9C503, and X9C104 ...................... 10V
Lead Temperature (Soldering, 10 seconds) .... +300
°C
Wiper Current .....................................................
±1mA
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation
of the device at these or any other conditions above
those listed in the operational sections of this specifica-
tion is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
ANALOG CHARACTERISTICS
Electrical Characteristics
End-to-End Resistance Tolerance .....................
±20%
Power Rating at 25
°C
X9C102 ....................................................... 16mW
X9C103, X9C503, and X9C104 .................. 10mW
Wiper Current ............................................
±1mA Max.
Typical Wiper Resistance ......................... 40
Ω at 1mA
Typical Noise .......................... < –120dB/
Hz Ref: 1V
Resolution
Resistance ............................................................. 1%
Linearity
Absolute Linearity(1) ........................................
±1.0 Ml(2)
Relative Linearity(3) .....................................
±0.2 Ml(2)
Temperature Coefficient
(–40
°C to +85°C)
X9C102 ...................................... +600 ppm/
°C Typical
X9C103, X9C503, X9C104 ........ +300 ppm/
°C Typical
Ratiometric Temperature Coefficient ............
±20 ppm
Wiper Adjustability
Unlimited Wiper Adjustment (Non-Store operation)
Wiper Position Store Operations ................... 10,000
Data Changes
Physical Characteristics
Marking Includes
Manufacturer‘s Trademark
Resistance Value or Code
Date Code
Test Circuit #1
Test Circuit #2
3863 FHD F04
3863 FHD F05
FORCE
CURRENT
VL
VW
VH
TEST POINT
TEST POINT
VW
VH
VL
Notes: (1) Absolute Linearity is utilized to determine actual wiper voltage versus expected voltage
= (Vw(n)(actual) – Vw(n)(expected)) = ±1 Ml Maximum.
(2) 1 Ml = Minimum Increment = RTOT/99.
(3) Relative Linearity is a measure of the error in step size between taps = VW(n+1) – [Vw(n) + Ml] = +0.2 Ml.


Similar Part No. - X9C503

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C503 INTERSIL-X9C503 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9C503 INTERSIL-X9C503 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
X9C503 INTERSIL-X9C503 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9C503 INTERSIL-X9C503 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C503 RENESAS-X9C503 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9C503

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9314 XICOR-X9314 Datasheet
53Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9312 XICOR-X9312 Datasheet
50Kb / 9P
   E2POT??Nonvolatile Digital Potentiometer
X9313 XICOR-X9313 Datasheet
50Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9241 XICOR-X9241 Datasheet
76Kb / 16P
   Quad E2POT??Nonvolatile Digital Potentiometer
X9221 XICOR-X9221 Datasheet
65Kb / 14P
   Dual E2POT??Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
logo
Xicor Inc.
X9316 XICOR-X9316 Datasheet
68Kb / 12P
   E 2 POT??Nonvolatile Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com