Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ18 Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # SMBJ18
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SY [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SY - Shanghai Shunye Electronics Co.,Ltd.

SMBJ18 Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  SMBJ18 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. SMBJ18 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. SMBJ18 Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. SMBJ18 Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMBJ5.0 THRU SMBJ170CA
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Breskdown voltage: 5.0-170 Volts
Peak pulse power: 600 Wallts
Case: JEDEC DO-214AA molded plastic body over
passivated junction
Terminals: Solder plated , solderable per MIL-STD 750,
method 2026
Polarity: Color band denotes cathode except for
bidirectional types
Mounting Position: Any
Weight: 0.005 ounce,0.138 grams
FEATURE
MECHANICAL DATA
Optimzed for LAN protection applications
Ideal for ESD protection of data lines in accordance
with IEC 1000-4-2(IEC801-2)
Ideal for EFT protection of data lines in accordance
with IEC1000-4-4(IEC801-2)
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Glass passivated junction
600w peak pulse power capability
Excellent clamping capability
Low incremental xurge resistance
Fast response time:typically less than 1.0ps from 0v to
V(BR) min
High temperature soldering guaranteed:
265 C/10S at terminals
0.086 (2.20)
0.077 (1.95)
0.180(4.57)
0.160(4.06)
0.155(3.94)
0.130(3.30)
0.122(3.12)
0.110(2.82)
0.060(1.52)
0.030(0.76)
0.220(5.59)
0.205(5.21)
0.012(0.305)
0.006(0.152)
0.008(0.203)MAX.
DO-214AA
Dimensions in inches and (millimeters)
C
Peak pulse power dissipation with a 10/1000ms wavetorm(NOTE 1,2,FIG.1)
Peak forward surge current
(Note 1,2,3)
Peak pulse current with a 10/1000ms waveform(NOTE 1)
Steady state power dissapation (Note 3)
Maximum instantaneous forward voltage at 50A(Note 3,4) unidirectional only
Operating junction and storage temperature range
PPPM
IFSM
IPPM
PM(AV)
VF
TSTG,TJ
SYMBOLS
UNITS
VALUE
Minimum 600
100.0
See Table 1
5.0
3.5/5.0
-55 to + 150
Watts
Amps
Amps
Watts
Volts
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
DEVICES FOR BIDIRECTIONAL APPLICATIONS
For bidirectional use suffix C or CA for types SMBJ5.0 thru SMBJ170 (e.g. SMBJ5.0C,SMBJ170CA)
Electrical characteristics apply in both directions.
Notes: 1.Non-repetitive current pulse,per Fig.3 and derated above TA=25 C per Fig.2
2.Mounted on 5.0mm copper pads to each terminal
3.Measured on 8.3ms single half sine-wine.For uni-directional devices only.
4.VF=3.5V on SMB-5.0 thru SMB-90 devices and VF=5.0V on SMB-100 thru SMB-170 devices
2
www.shunyegroup.com


Similar Part No. - SMBJ18

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ18 JGD-SMBJ18 Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBJ18 MICROSEMI-SMBJ18 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
Socay Electornics Co., ...
SMBJ18 SOCAY-SMBJ18 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
DAESAN ELECTRONIC CORP.
SMBJ18 DAESAN-SMBJ18 Datasheet
709Kb / 4P
   POWER 600Watts VOLTAGE 5.0 to 188 Volts
logo
Shanghai Shunye Electro...
SMBJ18 SHUNYE-SMBJ18 Datasheet
327Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMBJ18

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com