Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X40011V8-C Datasheet(PDF) 14 Page - Xicor Inc.

Part # X40011V8-C
Description  Dual Voltage Monitor with Integrated CPU Supervisor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X40011V8-C Datasheet(HTML) 14 Page - Xicor Inc.

Back Button X40011V8-C Datasheet HTML 10Page - Xicor Inc. X40011V8-C Datasheet HTML 11Page - Xicor Inc. X40011V8-C Datasheet HTML 12Page - Xicor Inc. X40011V8-C Datasheet HTML 13Page - Xicor Inc. X40011V8-C Datasheet HTML 14Page - Xicor Inc. X40011V8-C Datasheet HTML 15Page - Xicor Inc. X40011V8-C Datasheet HTML 16Page - Xicor Inc. X40011V8-C Datasheet HTML 17Page - Xicor Inc. X40011V8-C Datasheet HTML 18Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
X40010/X40011/X40014/X40015 – Preliminary
Characteristics subject to change without notice.
14 of 25
REV 1.3.4 7/12/02
www.xicor.com
ABSOLUTE MAXIMUM RATINGS
Temperature under bias ................... –65°C to +135°C
Storage temperature ........................ –65°C to +150°C
Voltage on any pin with
respect to VSS ......................................–1.0V to +7V
D.C. output current ............................................... 5mA
Lead temperature (soldering, 10 seconds)........ 300°C
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or any other conditions above those
listed in the operational sections of this specification) is
not implied. Exposure to absolute maximum rating con-
ditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
*See Ordering Info
Temperature
Min.
Max.
Commercial
0°C
70°C
Industrial
–40°C
+85°C
Version
Chip Supply
Voltage
Monitored*
Voltages
X40010/11
-A or -B
2.7V to 5.5V
2.6V to 5V
X40010/11-
C, X40014/15
2.7V to 5.5V
1V to 3.6V
D.C. OPERATING CHARACTERISTICS
(Over the recommended operating conditions unless otherwise specified)
Symbol
Parameter
Min.
Typ.(4)
Max.
Unit
Test Conditions
ICC1
(1)
Active Supply Current (
VCC) Read
1.5
mA
VIL = VCC x 0.1
VIH = VCC x 0.9,
fSCL = 400kHz
ICC2
(1)
Active Supply Current (
VCC) Read
3.0
mA
ISB1
(1)(6)
Standby Current (
VCC) AC (WDT off)
6
10
µA
VIL = VCC x 0.1
VIH =
VCC x 0.9
fSCL, fSDA = 400kHz
ISB2
(2)(6)
Standby Current (
VCC) DC (WDT on)
25
30
µA
VSDA = VSCL = VCC
Others = GND or VCC
ILI
Input Leakage Current (SCL)
10
µA
VIL = GND to VCC
ILO
Output Leakage Current (SDA,
V2FAIL, WDO, RESET)
10
µA
VSDA = GND to VCC
Device is in Standby(2)
VIL
(3)
Input LOW Voltage (SDA, SCL)
-0.5
VCC x 0.3
V
VIH
(3)
Input HIGH Voltage (SDA, SCL)
VCC x 0.7
VCC + 0.5
V
VHYS
(6)
Schmitt Trigger Input Hysteresis
• Fixed input level
VCC related level
0.2
.05 x
VCC
V
V
VOL
Output LOW Voltage (SDA, RESET/
RESET, V2FAIL, WDO)
0.4
V
IOL = 3.0mA (2.7–5.5V)
IOL = 1.8mA (2.7–3.6V)
VOH
Output (RESET) HIGH Voltage
VCC – 0.8
VCC – 0.4
VIOH = -1.0mA (2.7–5.5V)
IOH = -0.4mA (2.7–3.6V)


Similar Part No. - X40011V8-C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X40011V8-C RENESAS-X40011V8-C Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results

Similar Description - X40011V8-C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Intersil Corporation
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40410 INTERSIL-X40410 Datasheet
363Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
X40010 INTERSIL-X40010 Datasheet
372Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
logo
Xicor Inc.
X40420 XICOR-X40420 Datasheet
156Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com