Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

X9316 Datasheet(PDF) 9 Page - Xicor Inc.

Part No. X9316
Description  E 2 POT™ Nonvolatile Digital Potentiometer
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  XICOR [Xicor Inc.]
Homepage  http://www.xicor.com
Logo 

X9316 Datasheet(HTML) 9 Page - Xicor Inc.

 
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
X9316
9
TYPICAL ABSOLUTE % ERROR PER TAP POSITION
TYPICAL RELATIVE % ERROR PER TAP POSITION
40.0%
30.0%
20.0%
10.0%
0.0%
-10.0%
-20.0%
-30.0%
-40.0%
0
3
6
9
12
15
Tap
18
21
24
27
30
20.0%
15.0%
10.0%
5.0%
0.0%
-5.0%
-10.0%
-15.0%
-20.0%
0
3
6
9
12
15
Tap
18
21
24
27
30


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn