Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM2309GN Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SSM2309GN
Description  P-channel Enhancement-mode Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM2309GN Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SSM2309GN Datasheet HTML 1Page - Silicon Standard Corp. SSM2309GN Datasheet HTML 2Page - Silicon Standard Corp. SSM2309GN Datasheet HTML 3Page - Silicon Standard Corp. SSM2309GN Datasheet HTML 4Page - Silicon Standard Corp. SSM2309GN Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.SiliconStandard.com
1 of 5
P-channel Enhancement-mode Power MOSFET
Low gate-charge
BVDSS
-30V
Simple drive requirement
R DS(ON)
75m
Fast switching
ID
-3.7A
DESCRIPTION
The SSM2309GN is in a SOT-23-3 package, which is widely used for lower
power commercial and industrial surface mount applications. It is well suited
for low voltage applications such as DC/DC converters and and general
G
D
S
ABSOLUTE MAXIMUM RATINGS
Symbol
Units
VDS
V
VGS
V
ID @ TA=25°C
ID @ TA=70°C
IDM
A
PD @ TA=25°C
W/°C
TSTG
TJ
Symbol
Value
Unit
Rthj-a
Thermal Resistance, Junction-ambient
3
Max.
90
°C/W
Parameter
Rating
Drain-Source Voltage
-30
Gate-Source Voltage
Continuous Drain Current
3
-3.7
A
Continuous Drain Current
3
-3
A
Pulsed Drain Current
1,2
-12
Operating Junction Temperature Range
-55 to 150
°C
Linear Derating Factor
0.01
Storage Temperature Range
Total Power Dissipation
1.38
W
-55 to 150
°C
THERMAL DATA
Parameter
± 20
Pb-free; RoHS compliant.
D
G
S
SOT-23-3
switching applications.
SSM2309GN
2/16/2005 Rev.2.1


Similar Part No. - SSM2309GN

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSM2309GN VBSEMI-SSM2309GN Datasheet
501Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - SSM2309GN

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com