Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM2307GN Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SSM2307GN
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM2307GN Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SSM2307GN Datasheet HTML 1Page - Silicon Standard Corp. SSM2307GN Datasheet HTML 2Page - Silicon Standard Corp. SSM2307GN Datasheet HTML 3Page - Silicon Standard Corp. SSM2307GN Datasheet HTML 4Page - Silicon Standard Corp. SSM2307GN Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P-CHANNEL ENHANCEMENT MODE
POWER MOSFET
08/02/2007 Rev.1.00
www.SiliconStandard.com
1
SSM2307GN
PRODUCT SUMMARY
Simple Drive Requirement
Small Package Outline
Surface Mount Device
DESCRIPTION
The advanced power MOSFETs from Silicon Standard Corp.
provide the designer with the best combination of fast switching,
ruggedized device design, low on-resistance and cost-effectiveness.
The SOT-23 package is universally preferred for all commercial-
industrial surface mount applications and suited for low voltage
applications such as DC/DC converters.
ABSOLUTE MAXIMUM RATINGS
G
D
S
D
G
S
SOT-23
BVDSS
-16V
RDS(ON)
60mΩ
ID
- 4A
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TA=25℃
W
W/℃
TSTG
TJ
Symbol
Value
Unit
Rthj-a
Thermal Resistance Junction-ambient
3
Max.
90
℃/W
Rating
-16
±8
-4
0.01
1.38
-55 to 150
Parameter
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current
3
Continuous Drain Current
3
-3.3
Pulsed Drain Current
1
-12
Parameter
Total Power Dissipation
Operating Junction Temperature Range
Storage Temperature Range
-55 to 150
Linear Derating Factor
THERMAL DATA
Pb-free; RoHS-compliant


Similar Part No. - SSM2307GN

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSM2307GN VBSEMI-SSM2307GN Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - SSM2307GN

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com