Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

070913FR Datasheet(PDF) 1 Page - SUYIN USA, INC.

Part No. 070913FR
Description  SLIM TYPE D-SUB RIGHT ANGLE DIP TYPE
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUYIN-USA [SUYIN USA, INC.]
Homepage  http://www.suyinusa.com
Logo SUYIN-USA - SUYIN USA, INC.

070913FR Datasheet(HTML) 1 Page - SUYIN USA, INC.

  070913FR Datasheet HTML 1Page - SUYIN USA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
224
I/O
Specifications:
25 Circuits
Insulator Material
Operating Temp.Range
Terminal Material
Plating
Max. Current Rating
Voltage Rating
Dielectric Strength
: Black High Temp. Plastic
: -40
to +105
: Phosphor Bronze
: Selective Plated (Gold/Tin)
: Metal shell-Nickel Plated
: Soldering clip-Tin Plated
: 2.5A
: 250V AC
: 500V (Min. 60 Seconds)
070913FR Series
SLIM TYPE
D-SUB RIGHT ANGLE DIP TYPE
Mates with SUYIN 070800M,070900M.070200M Series
Recommended P.C.B Layout
Order Information
(FEMALE TYPE)
1. 'R' : Right Angle Dip Type
2. No. of Pins
3. Plating
4. Color 'Z' : Black
5. Package
'U' : Tube Packge Without Cap
Reference Page 11
12
3
45


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn