Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

X9312 Datasheet(PDF) 5 Page - Xicor Inc.

Part No. X9312
Description  E2POT™ Nonvolatile Digital Potentiometer
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  XICOR [Xicor Inc.]
Homepage  http://www.xicor.com
Logo 

X9312 Datasheet(HTML) 5 Page - Xicor Inc.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
X9312
5
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
Military
–55
°C
+125
°C
3865 PGM T03.1
Supply Voltage
Limits
X9312
5V
±10%
3865 PGM T04.1
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified.)
Limits
Symbol
Parameter
Min.
Typ.(4)
Max.
Units
Test Conditions
ICC
VCC Active Current
1
3
mA
CS = VIL, U/D = VIL or VIH and
INC = 0.4V/2.4V @ max. tCYC
ISB
Standby Supply Current
500
1000
µA
CS = VCC – 0.3V, U/D and INC =
VSS or VCC – 0.3V
ILI
CS, INC, U/D Input
±10
µAVIN = VSS to VCC
Leakage Current
VIH
CS, INC, U/D Input
2
VCC + 1
V
HIGH Voltage
VIL
CS, INC, U/D Input
–1
0.8
V
LOW Voltage
RW
Wiper Resistence
40
100
Max. Wiper Current
±1mA
VVH
VH Terminal Voltage
0
15
V
VVL
VL Terminal Voltage
0
15
V
CIN(5)
CS, INC, U/D Input
10
pF
VCC = 5V, VIN = VSS,
Capacitance
TA = 25°C, f = 1MHz
3865 PGM T05.3
STANDARD PARTS
Part Number
Maximum Resistance
Wiper Increments
Minimum Resistance
X9312Z
1K
10.1
40
X9312W
10K
101
40
X9312U
50K
505
40
X9312T
100K
1010
40
3865 PGM T08.1
Notes: (4) Typical values are for TA = 25°C and nominal supply voltage.
(5) This parameter is periodically sampled and not 100% tested.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn