Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9116WS8 Datasheet(PDF) 3 Page - Xicor Inc.

Part # X9116WS8
Description  Digitally Controlled Potentiometer (XDCP)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9116WS8 Datasheet(HTML) 3 Page - Xicor Inc.

  X9116WS8 Datasheet HTML 1Page - Xicor Inc. X9116WS8 Datasheet HTML 2Page - Xicor Inc. X9116WS8 Datasheet HTML 3Page - Xicor Inc. X9116WS8 Datasheet HTML 4Page - Xicor Inc. X9116WS8 Datasheet HTML 5Page - Xicor Inc. X9116WS8 Datasheet HTML 6Page - Xicor Inc. X9116WS8 Datasheet HTML 7Page - Xicor Inc. X9116WS8 Datasheet HTML 8Page - Xicor Inc. X9116WS8 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
X9116
Characteristics subject to change without notice.
3 of 11
REV 1.2 2/5/03
www.xicor.com
INSTRUCTIONS AND PROGRAMMING
The INC, U/D and CS inputs control the movement of
the wiper along the resistor array. With CS set LOW,
the device is selected and enabled to respond to the
U/D and INC inputs. HIGH to LOW transitions on INC
will increment or decrement (depending on the state of
the U/D input) a four bit counter. The output of this
counter is decoded to select one of 16 wiper positions
along the resistive array.
The value of the counter is stored in nonvolatile mem-
ory whenever CS transitions HIGH while the INC input
is also HIGH.
The system may select the X9116, move the wiper,
and deselect the device without having to store the lat-
est wiper position in nonvolatile memory. After the
wiper movement is performed as described above and
once the new position is reached, the system must
keep INC LOW while taking CS HIGH. The new wiper
position will be maintained until changed by the sys-
tem or until a power-up/down cycle recalls the previ-
ously stored data.
This procedure allows the system to always power-up
to a preset value stored in nonvolatile memory; then
during system operation, minor adjustments could be
made. The adjustments might be based on user pref-
erence, system parameter changes due to tempera-
ture drift, etc.
The state of U/D may be changed while CS remains
LOW. This allows the host system to enable the device
and then move the wiper up and down until the proper
trim is attained.
MODE SELECTION
SYMBOL TABLE
CS
INC
U/D
Mode
L
H
Wiper Up
L
L
Wiper Down
H
X
Store Wiper Position
H
X
X
Standby Current
L
X
No Store, Return to Standby
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from Low to
High
Will change
from Low to
High
May change
from High to
Low
Will change
from High to
Low
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance


Similar Part No. - X9116WS8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9116WS8 INTERSIL-X9116WS8 Datasheet
247Kb / 9P
   Low Noise, Low Power, Low Cost
X9116WS8 INTERSIL-X9116WS8 Datasheet
199Kb / 9P
   Digitally Controlled Potentiometer
X9116WS8-2.7 INTERSIL-X9116WS8-2.7 Datasheet
247Kb / 9P
   Low Noise, Low Power, Low Cost
X9116WS8-2.7 INTERSIL-X9116WS8-2.7 Datasheet
199Kb / 9P
   Digitally Controlled Potentiometer
X9116WS8I INTERSIL-X9116WS8I Datasheet
247Kb / 9P
   Low Noise, Low Power, Low Cost
More results

Similar Description - X9116WS8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
X93154 INTERSIL-X93154_08 Datasheet
225Kb / 9P
   Digitally Controlled Potentiometer(XDCP??
X93155 INTERSIL-X93155 Datasheet
246Kb / 8P
   Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com