Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X88257JI Datasheet(PDF) 7 Page - Xicor Inc.

Part # X88257JI
Description  E2 Micro-Peripheral
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X88257JI Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X88257JI Datasheet HTML 3Page - Xicor Inc. X88257JI Datasheet HTML 4Page - Xicor Inc. X88257JI Datasheet HTML 5Page - Xicor Inc. X88257JI Datasheet HTML 6Page - Xicor Inc. X88257JI Datasheet HTML 7Page - Xicor Inc. X88257JI Datasheet HTML 8Page - Xicor Inc. X88257JI Datasheet HTML 9Page - Xicor Inc. X88257JI Datasheet HTML 10Page - Xicor Inc. X88257JI Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
X88257
7
A.C. CONDITIONS OF TEST
Input Pulse Levels
0V to 3V
Input Rise and
Fall Times
10ns
Input and Output
Timing Levels
1.5V
6509 PGM T08.1
Note:
(5) This parameter is periodically sampled and not 100% tested.
PSEN Controlled Read Timing Diagram
A.C. CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
PSEN Controlled Read Cycle
Symbol
Parameter
Min.
Max.
Units
tLHLL
ALE Pulse Width
80
ns
tAVLL
Address Setup Time
20
ns
tLLAX
Address Hold Time
30
ns
tPLDV
PSEN Read Access Time
120
ns
tPHDX
Data Hold Time
0
ns
tELLL
Chip Enable Setup Time
7
ns
PWPL
PSEN Pulse Width
150
ns
tPS
PSEN Setup Time
30
ns
tPH
PSEN Hold Time
20
ns
tPHDZ (5)
PSEN Disable to Output in High Z
50
ns
tPLDX (5)
PSEN to Output in Low Z
10
ns
6509 PGM T09
EQUIVALENT A.C. TEST CIRCUIT
ALE
A/D0–A/D7
A8–A14
PSEN
AIN
tPLDV
DOUT
6509 ILL F05.1
tPH
tPH
tLHLL
tAVLL
tLLAX
tPS
PWPL
ADDRESS
CE
tPLDX
tPHDZ
tPHDX
tELLL
6509 ILL F04.3
5V
1.92K
100pF
OUTPUT
1.37K


Similar Part No. - X88257JI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X88064 XICOR-X88064 Datasheet
81Kb / 15P
   E2 Micro-Peripheral
X88064P XICOR-X88064P Datasheet
81Kb / 15P
   E2 Micro-Peripheral
X88064P-60 XICOR-X88064P-60 Datasheet
81Kb / 15P
   E2 Micro-Peripheral
X88064PI XICOR-X88064PI Datasheet
81Kb / 15P
   E2 Micro-Peripheral
X88064PI-60 XICOR-X88064PI-60 Datasheet
81Kb / 15P
   E2 Micro-Peripheral
More results

Similar Description - X88257JI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X88C64 XICOR-X88C64 Datasheet
47Kb / 3P
   E2 Micro-Peripheral
X88C64 XICOR-X88C64 Datasheet
71Kb / 14P
   E2 Micro-Peripheral
X68C64 XICOR-X68C64 Datasheet
62Kb / 12P
   E2 Micro-Peripheral
X88064 XICOR-X88064 Datasheet
81Kb / 15P
   E2 Micro-Peripheral
X68257 XICOR-X68257 Datasheet
70Kb / 14P
   E2 Micro-Peripheral
X86C64 XICOR-X86C64 Datasheet
62Kb / 12P
   E2 Micro-Peripheral
logo
List of Unclassifed Man...
E2-100-06-34PZ ETC2-E2-100-06-34PZ Datasheet
386Kb / 5P
   e-chain system® E2 Micro Series E2-10/E2i-10/E2C-10
4.31
logo
Mitel Networks Corporat...
MT90732 MITEL-MT90732 Datasheet
61Kb / 8P
   CMOS E2/E3 Framer (E2/E3F)
logo
ATMEL Corporation
ATF22LV10CZ ATMEL-ATF22LV10CZ Datasheet
222Kb / 9P
   High Performance E2 PLD
logo
Motorola, Inc
MC68901 MOTOROLA-MC68901 Datasheet
1Mb / 47P
   Multifunction Peripheral
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com